Electronic Components Datasheet Search
  English  ▼

X  

ADV7196A Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7196A
Description  Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7196A Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7196A Datasheet HTML 9Page - Analog Devices ADV7196A Datasheet HTML 10Page - Analog Devices ADV7196A Datasheet HTML 11Page - Analog Devices ADV7196A Datasheet HTML 12Page - Analog Devices ADV7196A Datasheet HTML 13Page - Analog Devices ADV7196A Datasheet HTML 14Page - Analog Devices ADV7196A Datasheet HTML 15Page - Analog Devices ADV7196A Datasheet HTML 16Page - Analog Devices ADV7196A Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
REV. 0
ADV7196A
–13–
REGISTER PROGRAMMING
The following section describes the functionality of each register.
All registers can be read from as well as written to unless other-
wise stated.
Subaddress Register (SR7–SR0)
The Communications Register is an eight bit write-only register.
After the part has been accessed over the bus and a read/write
operation is selected, the subaddress is set up. The Subaddress
Register determines to/from which register the operation takes place.
Figure 14 shows the various operations under the control of the
Subaddress Register. “0” should always be written to SR7.
Register Select (SR6–SR0)
These bits are set up to point to the required starting address.
SR4
SR3
SR2
SR1
SR0
SR7
SR6
SR5
ADDRESS
SR6 SR5
SR4
SR3
SR2
SR1
SR0
00h
0
0
0
0000
MODE REGISTER 0
01h
0
0
0
0001
MODE REGISTER 1
02h
0
0
0
0010
MODE REGISTER 2
03h
0
0
0
0011
MODE REGISTER 3
04h
0
0
0
0100
MODE REGISTER 4
05h
0
0
0
0101
MODE REGISTER 5
06h
0
0
0
0110
COLOR Y
07h
0
0
0
0111
COLOR CR
08h
0
0
0
1000
COLOR CB
09h
0
0
0
1001
MODE REGISTER 6
0Ah
0
0
0
1010
RESERVED
0Bh
0
0
0
1011
RESERVED
0Ch
0
0
0
1100
RESERVED
0Eh
0
0
0
1110
RESERVED
0Fh
0
0
0
1111
RESERVED
10h
0
0
1
0000
FILTER GAIN
11h
0
0
1
0001
CGMS DATA REGISTER 0
12h
0
0
1
0010
CGMS DATA REGISTER 1
13h
0
0
1
0011
CGMS DATA REGISTER 2
14h
0
0
1
0100
GAMMA CORRECTION REGISTER 0
15h
0
0
1
0101
GAMMA CORRECTION REGISTER 1
16h
0
0
1
0110
GAMMA CORRECTION REGISTER 2
17h
0
0
1
0111
GAMMA CORRECTION REGISTER 3
18h
0
0
1
1000
GAMMA CORRECTION REGISTER 4
19h
0
0
1
1001
GAMMA CORRECTION REGISTER 5
1Ah
0
0
1
1010
GAMMA CORRECTION REGISTER 6
1Bh
0
0
1
1011
GAMMA CORRECTION REGISTER 7
1Ch
0
0
1
1100
GAMMA CORRECTION REGISTER 8
1Dh
0
0
1
1101
GAMMA CORRECTION REGISTER 9
1Eh
0
0
1
1110
GAMMA CORRECTION REGISTER 10
1Fh
0
0
1
1111
GAMMA CORRECTION REGISTER 11
20h
0
1
0
0000
GAMMA CORRECTION REGISTER 12
21h
0
1
0
0001
GAMMA CORRECTION REGISTER 13
22h
0
1
0
0010
ADAPTIVE FILTER GAIN 1
23h
0
1
0
0011
ADAPTIVE FILTER GAIN 2
24h
0
1
0
0100
ADAPTIVE FILTER GAIN 3
25h
0
1
0
0101
ADAPTIVE FILTER THRESHOLD A
26h
0
1
0
0110
ADAPTIVE FILTER THRESHOLD B
27h
0
1
0
0111
ADAPTIVE FILTER THRESHOLD C
ADV7196A SUBADDRESS REGISTER
ZERO SHOULD
BE WRITTEN
HERE
SR7
Figure 14. Subaddress Registers in Progressive Scan Mode
SR4
SR3
SR2
SR1
SR0
SR7
SR6
SR5
ADDRESS
SR6 SR5
SR4
SR3
SR2
SR1
SR0
00h
0
0
0
0000
MODE REGISTER 0
01h
0
0
0
0001
MODE REGISTER 1
02h
0
0
0
0010
MODE REGISTER 2
03h
0
0
0
0011
MODE REGISTER 3
04h
0
0
0
0100
MODE REGISTER 4
05h
0
0
0
0101
MODE REGISTER 5
06h
0
0
0
0110
COLOR Y
07h
0
0
0
0111
COLOR CR
08h
0
0
0
1000
COLOR CB
ADV7196A SUBADDRESS REGISTER
ZERO SHOULD
BE WRITTEN
HERE
SR7
Figure 15. Subaddress Registers in HDTV Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com