Electronic Components Datasheet Search
  English  ▼

X  

ADV7196A Datasheet(PDF) 28 Page - Analog Devices

Part # ADV7196A
Description  Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7196A Datasheet(HTML) 28 Page - Analog Devices

Back Button ADV7196A Datasheet HTML 24Page - Analog Devices ADV7196A Datasheet HTML 25Page - Analog Devices ADV7196A Datasheet HTML 26Page - Analog Devices ADV7196A Datasheet HTML 27Page - Analog Devices ADV7196A Datasheet HTML 28Page - Analog Devices ADV7196A Datasheet HTML 29Page - Analog Devices ADV7196A Datasheet HTML 30Page - Analog Devices ADV7196A Datasheet HTML 31Page - Analog Devices ADV7196A Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
REV. 0
ADV7196A
–28–
MODE REGISTER 2
MR1 (MR27–MR20)
(Address (SR4–SR0) = 02H)
Figure 53 shows the various operations under the control of Mode
Register 2.
MR2 BIT DESCRIPTION
Y Delay (MR20–MR22)
With these bits it is possible to delay the Y signal with respect to
the falling edge of the horizontal sync signal by up to four pixel
clock cycles. Figure 52 demonstrates this facility.
Color Delay (MR23–MR25)
With theses bits it is possible to delay the color signals with respect
to the falling edge of the horizontal sync signal by up to four pixel
clock cycles. Figure 52 demonstrates this facility.
Reserved (MR26–MR27)
A “0” must be written to these bits.
MAX DELAY
NO DELAY
NO DELAY
MAX DELAY
PrPb DELAY
Y DELAY
Y OUTPUT
PrPb OUTPUTS
Figure 52. Y and Color Delay
MODE REGISTER 3
MR3 (MR37–MR30)
(Address (SR4-SR0) = 03H)
Figure 54 shows the various operations under the control of Mode
Register 3.
MR3 BIT DESCRIPTION
HDTV Enable (MR30)
When this bit is set to “1” the ADV7196A reverts to HDTV
mode. When set to “0” the ADV7196A reverts to Progressive
Scan mode (PS mode).
Reserved (MR31–MR32)
A “0” must be written to these bits.
DAC A Control (MR33)
Setting this bit to “1” enables DAC A, otherwise this DAC is
powered down.
DAC B Control (MR34)
Setting this bit to “1” enables DAC B, otherwise this DAC is
powered down.
DAC C Control (MR35)
Setting this bit to “1” enables DAC C, otherwise this DAC is
powered down.
Reserved (MR36–MR37)
A “0” must be written to these bits.
MR21
MR27
MR22
MR24
MR25
MR23
MR20
MR26
MR25
MR24
MR23
0
0
0
0 PCLK
0
0
1
1 PCLK
0
1
0
2 PCLK
0
1
1
3 PCLK
1
0
0
4 PCLK
COLOR DELAY
MR22
MR21
MR20
0
0
0
0 PCLK
0
0
1
1 PCLK
0
1
0
2 PCLK
0
1
1
3 PCLK
1
0
0
4 PCLK
Y DELAY
MR27–MR26
ZERO MUST BE
WRITTEN TO
THESE BITS
Figure 53. Mode Register 2
MR37
MR32
MR34
MR36
ZERO MUST BE
WRITTEN TO
THESE BITS
MR37–MR36
MR34
0
POWER-DOWN
1
NORMAL
DAC B CONTROL
MR35
MR35
0
POWER-DOWN
1
NORMAL
DAC C CONTROL
MR33
ZERO MUST BE
WRITTEN TO
THESE BITS
MR32–MR31
MR31
MR30
0
DISABLE
1
ENABLE
HDTV ENABLE
MR30
MR33
0
POWER-DOWN
1
NORMAL
DAC A CONTROL
Figure 54. Mode Register 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com