Electronic Components Datasheet Search
  English  ▼

X  

ADV7197 Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7197
Description  Multiformat HDTV Encoder with Three 11-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7197 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7197 Datasheet HTML 9Page - Analog Devices ADV7197 Datasheet HTML 10Page - Analog Devices ADV7197 Datasheet HTML 11Page - Analog Devices ADV7197 Datasheet HTML 12Page - Analog Devices ADV7197 Datasheet HTML 13Page - Analog Devices ADV7197 Datasheet HTML 14Page - Analog Devices ADV7197 Datasheet HTML 15Page - Analog Devices ADV7197 Datasheet HTML 16Page - Analog Devices ADV7197 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. 0
ADV7197
–13–
Table I must be followed when programming the control signals
in Async Timing Mode.
Table I. Truth Table
SYNC
TSYNC
DV
1 –> 0
0
0 or 1
50% Point of Falling Edge of
Tri-Level Horizontal Sync
Signal, a
0
0 –> 1
0 or 1
25% Point of Rising Edge of
Tri-Level Horizontal Sync
Signal, b
0 –> 1
0 or 1
0
50% Point of Falling Edge of
Tri-Level Horizontal Sync
Signal, c
1
0 or 1
0 –> 1
50% Start of Active Video, d
1
0 or 1
1 –> 0
50% End of Active Video, e
MODE REGISTER 1
MR1 (MR17–MR10)
(Address (SR4–SR0) = 01H)
Figure 15 shows the various operations under the control of
Mode Register 1.
MR1 BIT DESCRIPTION
Pixel Data Enable (MR10)
When this bit is set to “0,” the pixel data input to the ADV7197
is blanked such that a black screen is output from the DACs.
When this bit is set to “1,” pixel data is accepted at the input
pins and the ADV7197 outputs to the standard set in “Output
Standard Selection” (MR01–MR00). This bit also must be set
to “1” to enable output of the test pattern signals.
Input Format (MR11)
It is possible to input data in 4:2:2 format or in 4:4:4 format.
Test Pattern Enable (MR12)
Enables or disables the internal test pattern generator.
Test Pattern Hatch/Frame (MR13)
If this bit is set to “0,” a cross hatch test pattern is output from
the ADV7197. The cross hatch test pattern can be used to test
monitor convergence.
If this bit is set to “1,” a uniform colored frame/field test pattern
is output from the ADV7197.
The color of the lines or the frame/field is by default white but
can be programmed to be any color using the Color Y, Color
Cr, Color Cb Registers.
VBI Open (MR14)
This bit enables or disables the facility of VBI data insertion
during the Vertical Blanking Interval.
For this purpose Lines 7–20 in 1080i and Lines 6–25 in 720p
can be used for VBI data insertion.
Reserved (MR15–MR17)
A “0” must be written to these bits.
MR11
MR17
MR12
MR14
MR15
MR16
MR13
MR10
MR14
0
DISABLED
1
ENABLED
VBI OPEN
MR12
0
DISABLED
1
ENABLED
TEST PATTERN
ENABLE
MR10
0
DISABLED
1
ENABLED
PIXEL DATA
ENABLE
MR13
0HATCH
1
FIELD/FRAME
TEST PATTERN
HATCH/FRAME
MR11
0
4:4:4 YCrCb
1
4:2:2 YCrCb
INPUT FORMAT
ZERO MUST
BE WRITTEN
TO THESE BITS
MR17–MR15
Figure 15. Mode Register 1
MR01
MR07
MR04
MR05
MR06
MR03
MR00
ZERO MUST
BE WRITTEN
TO THIS BIT
MR04
MR06
0
ACTIVE HIGH
1
ACTIVE LOW
DV POLARITY
MR05
0
1080I
1
720P
INPUT STANDARD
MR03 MR02
00
HSYNC\VSYNC/DV
0
1
EAV/SAV
1
0
TSYNC/
SYNC/DV
1
1
RESERVED
INPUT CONTROL SIGNALS
MR01 MR00
0
0
EIA-770.3
0
1
RESERVED
1
0
FULL I/P RANGE
1
1
RESERVED
OUTPUT STANDARD SELECTION
ZERO MUST
BE WRITTEN
TO THIS BIT
MR07
MR02
Figure 14. Mode Register 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com