Electronic Components Datasheet Search
  English  ▼

X  

ADV7197 Datasheet(PDF) 2 Page - Analog Devices

Part # ADV7197
Description  Multiformat HDTV Encoder with Three 11-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7197 Datasheet(HTML) 2 Page - Analog Devices

  ADV7197 Datasheet HTML 1Page - Analog Devices ADV7197 Datasheet HTML 2Page - Analog Devices ADV7197 Datasheet HTML 3Page - Analog Devices ADV7197 Datasheet HTML 4Page - Analog Devices ADV7197 Datasheet HTML 5Page - Analog Devices ADV7197 Datasheet HTML 6Page - Analog Devices ADV7197 Datasheet HTML 7Page - Analog Devices ADV7197 Datasheet HTML 8Page - Analog Devices ADV7197 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
ADV7197–SPECIFICATIONS
5 V SPECIFICATIONS
1
Parameter
Min
Typ
Max
Unit
Test Conditions
STATIC PERFORMANCE
Resolution
11
Bits
Integral Nonlinearity
1.5
LSB
Differential Nonlinearity
0.9
2.0
LSB
Guaranteed Monotonic
DIGITAL OUTPUTS
Output High Voltage, VOH
2.4
V
ISOURCE = 400
µA
Output Low Voltage, VOL
0.4
V
ISINK = 3.2 mA
Three-State Leakage Current
10
µAVIN = 0.4 V
Three-State Output Capacitance
4
pF
DIGITAL AND CONTROL INPUTS
Input High Voltage, VIH
2.0
V
Input Low Voltage, VIL
0.8
V
Input Leakage Current
0
1
µAVIN = 0.4 V or 2.4 V
Input Capacitance, CIN
4pF
ANALOG OUTPUTS
Full-Scale Output Current
3.92
4.25
4.56
mA
DAC A
2.54
2.83
3.11
mA
DAC B, C
Output Current Range
3.92
4.25
4.56
mA
DAC A
2.39
2.66
2.93
mA
DAC B, C
DAC-to-DAC Matching
1.4
%
DAC A, B, C
Output Compliance Range, VOC
1.4
V
Output Impedance, ROUT
100
k
Ω
Output Capacitance, COUT
7pF
VOLTAGE REFERENCE (External and Internal)
Reference Range, VREF
1.112
1.235
1.359
V
POWER REQUIREMENTS
IDD
2
96
102
mA
With fCLK = 74.25 MHz
IAA
3, 4
11
15
mA
Power Supply Rejection Ratio
0.01
%/%
NOTES
1Guaranteed by characterization.
2I
DD or the circuit current is the continuous current required to drive the digital core.
3I
AA is the total current required to supply all DACs including V REF circuitry.
4All DACs on.
Specifications subject to change without notice.
(VAA = 4.75 V to 5.25 V, VREF = 1.235 V, RSET = 2470
, RLOAD = 300
. All specifications TMIN to TMAX [0 C to
70 C] unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com