Electronic Components Datasheet Search
  English  ▼

X  

RT8015B Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8015B
Description  3A, 2MHz, Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8015B Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8015B Datasheet HTML 8Page - Richtek Technology Corporation RT8015B Datasheet HTML 9Page - Richtek Technology Corporation RT8015B Datasheet HTML 10Page - Richtek Technology Corporation RT8015B Datasheet HTML 11Page - Richtek Technology Corporation RT8015B Datasheet HTML 12Page - Richtek Technology Corporation RT8015B Datasheet HTML 13Page - Richtek Technology Corporation RT8015B Datasheet HTML 14Page - Richtek Technology Corporation RT8015B Datasheet HTML 15Page - Richtek Technology Corporation RT8015B Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
RT8015B
13
DS8015B-04
March 2011
www.richtek.com
Figure 5
Figure 6
Connect the FB pin directly to the feedback resistors.
The resistor divider must be connected between VOUT
and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com