Electronic Components Datasheet Search
  English  ▼

X  

RT8015B Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8015B
Description  3A, 2MHz, Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8015B Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8015B Datasheet HTML 1Page - Richtek Technology Corporation RT8015B Datasheet HTML 2Page - Richtek Technology Corporation RT8015B Datasheet HTML 3Page - Richtek Technology Corporation RT8015B Datasheet HTML 4Page - Richtek Technology Corporation RT8015B Datasheet HTML 5Page - Richtek Technology Corporation RT8015B Datasheet HTML 6Page - Richtek Technology Corporation RT8015B Datasheet HTML 7Page - Richtek Technology Corporation RT8015B Datasheet HTML 8Page - Richtek Technology Corporation RT8015B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
RT8015B
3
DS8015B-04
March 2011
www.richtek.com
Function Block Diagram
Layout Guide
Driver
NISEN
Control
Logic
NMOS I Limit
0.9V
0.7V
0.2V
OC
Limit
ISEN
Slope
Com
OSC
Output
Clamp
EA
0.8V
Int-SS
POR
OTP
VREF
COMP
SHDN/RT
GND
FB
PVDD
VDD
PGND
SD
LX
PGOOD
VIN
GND
L1
VOUT
GND
CIN
COUT
VOUT
CCOMP
R2
R1
CF
ROSC
Place the input and output
capacitors as close to the
IC as possible.
LX should be
connected to Inductor
by wide and short
trace, keep sensitive
components away
from this trace
Place the feedback and
compensation components as
close to the IC as possible.
RT8015B
SHDN/RT
GND
PGND
LX
COMP
FB
PGOOD
VDD
PVDD
LX
4
3
2
6
7
8
9
10
5
1
RCOMP
R4
R3
C1
GND
Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com