Electronic Components Datasheet Search
  English  ▼

X  

RT8015D Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8015D
Description  3A, 2MHz, Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8015D Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8015D Datasheet HTML 1Page - Richtek Technology Corporation RT8015D Datasheet HTML 2Page - Richtek Technology Corporation RT8015D Datasheet HTML 3Page - Richtek Technology Corporation RT8015D Datasheet HTML 4Page - Richtek Technology Corporation RT8015D Datasheet HTML 5Page - Richtek Technology Corporation RT8015D Datasheet HTML 6Page - Richtek Technology Corporation RT8015D Datasheet HTML 7Page - Richtek Technology Corporation RT8015D Datasheet HTML 8Page - Richtek Technology Corporation RT8015D Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT8015D
1
DS8015D-02 March 2011
www.richtek.com
Features
High Efficiency : Up to 95%
Low RDS(ON) Internal Switches : 110m
Ω
Ω
Ω
Ω
Ω
Programmable Frequency : 300kHz to 2MHz
No Schottky Diode Required
0.8V Reference Allows for Low Output Voltage
Forced Continuous Mode Operation
Low Dropout Operation : 100% Duty Cycle
Power Good Output Voltage Indicator
RoHS Compliant and Halogen Free
Applications
Portable Instruments
Battery-Powered Equipment
Notebook Computers
Distributed Power Systems
IP Phones
Digital Cameras
General Description
The RT8015D is a high efficiency synchronous, step-down
DC/DC converter. Its input voltage range is from 2.6V to
5.5V and provides an adjustable regulated output voltage
from 0.8V to 5V while delivering up to 3A of output current.
The internal synchronous low on-resistance power
switches increase efficiency and eliminate the need for
an external Schottky diode. The switching frequency is
set by an external resistor. The 100% duty cycle provides
low dropout operation extending battery life in portable
systems. Current mode operation with external
compensation allows the transient response to be
optimized over a wide range of loads and output capacitors.
The RT8015D is operated in forced continuous PWM Mode
which minimizes ripple voltage and reduces the noise and
RF interference.
The 100% duty cycle in Low Dropout Operation further
maximize battery life.
The RT8015D is available in the WDFN-10L 3x3 package.
Ordering Information
Pin Configurations
(TOP VIEW)
WDFN-10L 3x3
3A, 2MHz, Synchronous Step-Down Converter
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
SHDN/RT
GND
PGND
LX
COMP
FB
PGOOD
PVDD
VDD
LX
9
8
7
1
2
3
4
5
10
11
RT8015D
Package Type
QW : WDFN-10L 3x3
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT8015D

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8015 RICHTEK-RT8015 Datasheet
296Kb / 15P
2A, 2MHz, Synchronous Step-Down Regulator
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8015AGQW RICHTEK-RT8015AGQW Datasheet
230Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
3A, 2MHz, Synchronous Step-Down Converter
RT8015BGQW RICHTEK-RT8015BGQW Datasheet
457Kb / 16P
3A, 2MHz, Synchronous Step-Down Converter
More results

Similar Description - RT8015D

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
2A, 2MHz, Synchronous Step-Down Converter
RT8065 RICHTEK-RT8065 Datasheet
204Kb / 13P
3A, 2MHz, Synchronous Step-Down Converter
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
4A, 2MHz, Synchronous Step-Down Converter
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
2A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com