Electronic Components Datasheet Search
  English  ▼

X  

RT8015D Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8015D
Description  3A, 2MHz, Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8015D Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8015D Datasheet HTML 1Page - Richtek Technology Corporation RT8015D Datasheet HTML 2Page - Richtek Technology Corporation RT8015D Datasheet HTML 3Page - Richtek Technology Corporation RT8015D Datasheet HTML 4Page - Richtek Technology Corporation RT8015D Datasheet HTML 5Page - Richtek Technology Corporation RT8015D Datasheet HTML 6Page - Richtek Technology Corporation RT8015D Datasheet HTML 7Page - Richtek Technology Corporation RT8015D Datasheet HTML 8Page - Richtek Technology Corporation RT8015D Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT8015D
2
DS8015D-02 March 2011
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
SHDN/RT
Oscillator Resistor Input. Connecting a resistor to ground from this pin sets the
switching frequency. Forcing this pin to VDD causes the device to be shut down.
2
GND
Signal Ground. All small-signal components and compensation components should
connect to this ground, which in turn connects to PGND at one point.
3, 4
LX
Internal Power MOSFET Switches Output. Connect this pin to the inductor.
5
PGND
Power Ground. Connect this pin close to the negative terminal of CIN and COUT.
6
PVDD
Power Input Supply. Decouple this pin to PGND with a capacitor.
7
VDD
Signal Input Supply. Decouple this pin to GND with a capacitor. Normally VDD is equal
to PVDD.
8
PGOOD
Power Good Indicator. This pin is open-drain logic output that is pulled to ground
when the output voltage is not within ±12.5% of regulation point.
9
FB
Feedback Pin. This pin receives the feedback voltage from a resistive divider
connected across the output.
10
COMP
Error Amplifier Compensation Point. The current comparator threshold increases with
this control voltage. Connect external compensation elements to this pin to stabilize
the control loop.
11
Exposed Pad
No Internal Connection. The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation.
Typical Application Circuit
Note : Using all Ceramic Capacitors
VOUT (V)
R1 (k
Ω )
R2 (k
Ω )
RCOMP (kΩ) CCOMP (nF)
L1 (μH)
COUT (μF)
3.3
750
240
30
1
2.2
22 x 2
2.5
510
240
27
1
2.2
22 x 2
1.8
300
240
22
1
2.2
22 x 2
1.5
210
240
18
1
2.2
22 x 2
1.2
120
240
15
1
1.0
22 x 2
1.0
60
240
13
1
1.0
22 x 2
Table 1. Recommended Component Selection
7 VDD
PVDD
6
RT8015D
VIN
5V
5
PGND
SHDN/RT
1
LX 3, 4
COMP
FB 9
10
GND 2
ROSC
332k
CIN
22µF
L1
2.2µH
R1
510k
R2
240k
COUT
22µF x 2
RCOMP
27k
CCOMP
1nF
VOUT
2.5V/3A
CF
22pF
R3
1
C1
0.1µF
8 PGOOD
R4
100k
PGOOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com