Electronic Components Datasheet Search
  English  ▼

X  

RT8023 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8023
Description  1.2MHz 1.5A Synchronous Step-Down Converter with Two LDOs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8023 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8023 Datasheet HTML 1Page - Richtek Technology Corporation RT8023 Datasheet HTML 2Page - Richtek Technology Corporation RT8023 Datasheet HTML 3Page - Richtek Technology Corporation RT8023 Datasheet HTML 4Page - Richtek Technology Corporation RT8023 Datasheet HTML 5Page - Richtek Technology Corporation RT8023 Datasheet HTML 6Page - Richtek Technology Corporation RT8023 Datasheet HTML 7Page - Richtek Technology Corporation RT8023 Datasheet HTML 8Page - Richtek Technology Corporation RT8023 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
RT8023
1
DS8023-03 March 2011
www.richtek.com
Ordering Information
Applications
Portable Instruments
Microprocessors and DSP Core Supplies
Cellular Phones
Wireless and DSL Modems
PC Cards
Digital Cameras
1.2MHz 1.5A Synchronous Step-Down Converter
with Two LDOs
General Description
The RT8023 combines two low dropout (LDO) linear
regulators and a step-down converter with an input voltage
range of 2.6V to 5.5V. Each output voltage is adjustable
from 0.8V to 5V. With independent Enable and Power-
Good pins for each regulator, it is easy to control the power
up sequence, which is important in some applications.
The LDO has an independent input and is capable of
delivering up to 700mA(LDO1) and 350mA(LDO2) output
currents with ultra-low dropout. The LDO has high PSRR
and can work with low-ESR space saving ceramic
capacitors. All these make it Ideal for portable RF and
wireless applications with demanding performance and
space requirements. Other features include high output
accuracy, current limiting protection, and 40
μs fast turn-
on time.
The step-down converter is a 1.2MHz PWM, current mode
converter. Its high switching frequency allows the use of
tiny, low cost capacitors and inductors 2mm or less in
height. Internal power switches with low on-resistance
increase efficiency and eliminate the need for external
Schottky diodes. The converter can run at 100% duty cycle
for low dropout operation that extends battery life in
portable systems.
Features
Converter Input Voltage Range : 2.6V to 5.5V,
LDO Input Voltage Range : 2.4V to 5.5V
Low-Noise LDO for RF Application
Ultra-Fast Response in Line/Load Transient
LDO Turn-On Time Less Than 40us
Only 1
μμμμμF LDO Output Capacitor Required for
Stability
Current Limiting Protection
1.5A, High Efficiency Step-Down Converter
1.2MHZ Constant Switching Frequency
Low RDS(ON) Internal Switches
No Schottky Diode Required
0.8V Reference Allows Low Output Voltage
Low Dropout Operation : 100% Duty Cycle
Internally Compensated
< 2
μμμμμA Shutdown Current
Power Good Output Voltage Monitor
Internal Soft-Start for PWM Converter
Easy Power Sequence Control
Over Temperature Protection
Short Circuit Protection
Thermally Enhanced 24-Lead WQFN Package
RoHS Compliant and 100% Lead (Pb)-Free
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Package Type
QW : WQFN-24L 4x4 (W-Type)
RT8023
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT8023

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8023GQW RICHTEK-RT8023GQW Datasheet
391Kb / 19P
Converter Input Voltage Range : 2.6V to 5.5V, LDO Input Voltage Range : 2.4V to 5.5V
More results

Similar Description - RT8023

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8012A RICHTEK-RT8012A Datasheet
276Kb / 14P
Dual 1A/1.5A-1.2MHz Synchronous Step-Down Converters
RT7257B RICHTEK-RT7257B Datasheet
284Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7297B RICHTEK-RT7297B Datasheet
278Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
2A, 1.2MHz Synchronous Step-Down Converter
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2012 MPS-MP2012 Datasheet
328Kb / 10P
Low Voltage, 2.7-6V Input,1.5A, 1.2MHz Synchronous Step-Down Converter
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
logo
List of Unclassifed Man...
APS2415 ETC-APS2415 Datasheet
545Kb / 8P
1.2MHz, 1.5A Synchronous Step-Down Converter
V0.0
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com