Electronic Components Datasheet Search
  English  ▼

X  

RT8023 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8023
Description  1.2MHz 1.5A Synchronous Step-Down Converter with Two LDOs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8023 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8023 Datasheet HTML 9Page - Richtek Technology Corporation RT8023 Datasheet HTML 10Page - Richtek Technology Corporation RT8023 Datasheet HTML 11Page - Richtek Technology Corporation RT8023 Datasheet HTML 12Page - Richtek Technology Corporation RT8023 Datasheet HTML 13Page - Richtek Technology Corporation RT8023 Datasheet HTML 14Page - Richtek Technology Corporation RT8023 Datasheet HTML 15Page - Richtek Technology Corporation RT8023 Datasheet HTML 16Page - Richtek Technology Corporation RT8023 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
RT8023
13
DS8023-03 March 2011
www.richtek.com
VIN3 = 5V, VOUT3 = 1.2V, IOUT3 = 0.3A
LDO2 PGOOD Response
Time (25
μs/Div)
IOUT3
(0.5A/Div)
VOUT3
(500mV/Div)
VEN3
(5V/Div)
VPGOOD
(2V/Div)
VIN2 = 5V, VOUT2 = 1.2V, IOUT2 = 0.3A
LDO1 PGOOD Response
Time (25
μs/Div)
IOUT2
(0.5A/Div)
VOUT2
(500mV/Div)
VEN2
(5V/Div)
VPGOOD
(2V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com