Electronic Components Datasheet Search
  English  ▼

X  

ADXL150 Datasheet(PDF) 6 Page - Analog Devices

Part # ADXL150
Description  -5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL150 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADXL150 Datasheet HTML 2Page - Analog Devices ADXL150 Datasheet HTML 3Page - Analog Devices ADXL150 Datasheet HTML 4Page - Analog Devices ADXL150 Datasheet HTML 5Page - Analog Devices ADXL150 Datasheet HTML 6Page - Analog Devices ADXL150 Datasheet HTML 7Page - Analog Devices ADXL150 Datasheet HTML 8Page - Analog Devices ADXL150 Datasheet HTML 9Page - Analog Devices ADXL150 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
–6–
ADXL150/ADXL250
REV. 0
TIME –
s
20
02468
10
12
14
16
18
20
15
10
5
0
–5
–10
–15
–20
NOISE FROM INTERNAL CLOCK
Figure 9. Typical Output Noise Voltage with Spikes
Generated by Internal Clock
TIME – ms
SELF-TEST
OUTPUT
(0.2V/DIV)
SELF-TEST
INPUT
(2V/DIV)
02468
10
12
14
16
18
20
Figure 10. Typical Self-Test Response
FREQUENCY – Hz
2.00
1.75
0.25
2k
10
100
1k
1.50
1.25
0.75
0.50
1.00
2.25
2.50
Figure 11. Noise Spectral Density
SUPPLY VOLTAGE – Volts
0.6
0.8
4.0
5.0
1.0
1.2
1.4
1.6
4.5
5.5
6.0
Figure 12. Noise vs. Supply Voltage
FREQUENCY – kHz
30
25
0
100
10000
1000
20
15
10
5
Figure 13. Baseband Error Graph
Figure 13 shows the mV rms error in the output signal if there is
a noise on the power supply pin of 1 mV rms at the internal
clock frequency or its odd harmonics. This is a baseband noise
and can be at any frequency in the 1 kHz passband or at dc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com