Electronic Components Datasheet Search
  English  ▼

X  

ADXL150 Datasheet(PDF) 2 Page - Analog Devices

Part # ADXL150
Description  -5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL150 Datasheet(HTML) 2 Page - Analog Devices

  ADXL150 Datasheet HTML 1Page - Analog Devices ADXL150 Datasheet HTML 2Page - Analog Devices ADXL150 Datasheet HTML 3Page - Analog Devices ADXL150 Datasheet HTML 4Page - Analog Devices ADXL150 Datasheet HTML 5Page - Analog Devices ADXL150 Datasheet HTML 6Page - Analog Devices ADXL150 Datasheet HTML 7Page - Analog Devices ADXL150 Datasheet HTML 8Page - Analog Devices ADXL150 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
–2–
REV. 0
ADXL150JQC/AQC
ADXL250JQC/AQC
Parameter
Conditions
Min
Typ
Max
Min
Typ Max
Units
SENSOR
Guaranteed Full-Scale Range
± 40
± 50
± 40
± 50
g
Nonlinearity
0.2
0.2
% of FS
Package Alignment Error
1
± 1
± 1
Degrees
Sensor-to-Sensor Alignment Error
± 0.1
Degrees
Transverse Sensitivity
2
± 2
± 2%
SENSITIVITY
Sensitivity (Ratiometric)3
Y Channel
33.0
38.0 43.0
mV/g
X Channel
33.0
38.0
43.0
33.0
38.0 43.0
mV/g
Sensitivity Drift Due to Temperature Delta from 25
°C to T
MIN or TMAX
± 0.5
± 0.5
%
ZERO g BIAS LEVEL
Output Bias Voltage
4
VS/2 – 0.35 VS/2
VS/2 + 0.35 VS/2 – 0.35 VS/2 VS/2 + 0.35 V
Zero g Drift Due to Temperature
Delta from 25
°C to T
MIN or TMAX
0.2
0.3
g
ZERO-g OFFSET ADJUSTMENT
Voltage Gain
Delta VOUT/Delta VOS PIN
0.45
0.50
0.55
0.45
0.50 0.55
V/V
Input Impedance
20
30
20
30
k
Ω
NOISE PERFORMANCE
Noise Density5
1
2.5
1
2.5
mg/
√Hz
Clock Noise
5
5
mV p-p
FREQUENCY RESPONSE
–3 dB Bandwidth
900
1000
900
1000
Hz
Bandwidth Temperature Drift
TMIN to TMAX
50
50
Hz
Sensor Resonant Frequency
Q = 5
24
24
kHz
SELF-TEST
Output Change
6
ST Pin from Logic “0” to “1”
0.25
0.40
0.60
0.25
0.40 0.60
V
Logic “1” Voltage
VS – 1
VS – 1
V
Logic “0” Voltage
1.0
1.0
V
Input Resistance
To Common
30
50
30
50
k
Ω
OUTPUT AMPLIFIER
Output Voltage Swing
IOUT = ±100 µA
0.25
VS – 0.25
0.25
VS – 0.25
V
Capacitive Load Drive
1000
1000
pF
POWER SUPPLY (VS)
7
Functional Voltage Range
4.0
6.0
4.0
6.0
V
Quiescent Supply Current
ADXL150
1.8
3.0
mA
ADXL250 (Total 2 Channels)
3.5
5.0
mA
TEMPERATURE RANGE
Operating Range J
0
+70
0
+70
°C
Specified Performance A
–40
+85
–40
+85
°C
NOTES
1Alignment error is specified as the angle between the true axis of sensitivity and the edge of the package.
2Transverse sensitivity is measured with an applied acceleration that is 90 degrees from the indicated axis of sensitivity.
3Ratiometric: V
OUT = VS/2 + (Sensitivity × VS/5 V × a) where a = applied acceleration in gs, and VS = supply voltage. See Figure 21. Output scale factor can be
doubled by connecting VOUT to the offset null pin.
4Ratiometric, proportional to V
S/2. See Figure 21.
5See Figure 11 and Device Bandwidth vs. Resolution section.
6Self-test output varies with supply voltage.
7When using ADXL250, both Pins 13 and 14 must be connected to the supply for the device to function.
Specifications subject to change without notice.
ADXL150/ADXL250–SPECIFICATIONS
(TA = +25 C for J Grade, TA = –40 C to +85 C for A Grade,
VS = +5.00 V, Acceleration = Zero g, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com