Electronic Components Datasheet Search
  English  ▼

X  

RT8032 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8032
Description  1.2MHz/1.2A Buck Converter with Programmable Average Input Current Limit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8032 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8032 Datasheet HTML 3Page - Richtek Technology Corporation RT8032 Datasheet HTML 4Page - Richtek Technology Corporation RT8032 Datasheet HTML 5Page - Richtek Technology Corporation RT8032 Datasheet HTML 6Page - Richtek Technology Corporation RT8032 Datasheet HTML 7Page - Richtek Technology Corporation RT8032 Datasheet HTML 8Page - Richtek Technology Corporation RT8032 Datasheet HTML 9Page - Richtek Technology Corporation RT8032 Datasheet HTML 10Page - Richtek Technology Corporation RT8032 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
RT8032
7
DS8032-02
March 2011
www.richtek.com
Power Off from VIN
Time (10ms/Div)
IIN
(500mA/Div)
VOUT
(5V/Div)
IOUT
(500mA/Div)
IOUT = 0.33A
VIN
(5V/Div)
Switching
Time (500ns/Div)
IL
(500mA/Div)
VOUT
(5mV/Div)
VIN = 5V, VOUT = 3.6V, IOUT = 0.5A
VSW
(5V/Div)
Power On from VIN
Time (10ms/Div)
IIN
(500mA/Div)
VOUT
(5V/Div)
IOUT
(500mA/Div)
IOUT = 0.33A
VIN
(5V/Div)
Input Current Limit
Time (2.5ms/Div)
IIN
(500mA/Div)
VOUT
(2V/Div)
IOUT
(1A/Div)
VIN = 5V, VOUT = 3.6V, IOUT = 0A to 1.5A
Input Current Limit vs input Voltage
0.30
0.35
0.40
0.45
0.50
0.55
0.60
4
4.25
4.5
4.75
5
5.25
5.5
Input Voltage (V)
IOUT = 1A, RLIM = 24k
Ω
Input Current limit vs Temperature
0.30
0.35
0.40
0.45
0.50
0.55
0.60
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VIN = 5V, IOUT = 1A, RLIM = 24k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com