Electronic Components Datasheet Search
  English  ▼

X  

RT8032 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT8032
Description  1.2MHz/1.2A Buck Converter with Programmable Average Input Current Limit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8032 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT8032 Datasheet HTML 3Page - Richtek Technology Corporation RT8032 Datasheet HTML 4Page - Richtek Technology Corporation RT8032 Datasheet HTML 5Page - Richtek Technology Corporation RT8032 Datasheet HTML 6Page - Richtek Technology Corporation RT8032 Datasheet HTML 7Page - Richtek Technology Corporation RT8032 Datasheet HTML 8Page - Richtek Technology Corporation RT8032 Datasheet HTML 9Page - Richtek Technology Corporation RT8032 Datasheet HTML 10Page - Richtek Technology Corporation RT8032 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
RT8032
8
DS8032-02
March 2011
www.richtek.com
Application Information
Output Voltage Programming
The output voltage is set by an external resistive divider
according to the following equation :
where VREF equals to 0.8V typical.
The resistive divider allows the FB pin to sense a fraction
of the output voltage as shown in Figure 1.
Figure 1. Setting the Output Voltage
⎟
⎠
⎞
⎜
⎝
⎛ +
×
=
R2
R1
1
V
V
REF
OUT
RT8032
FB
GND
VOUT
R1
R2
Input Average Current Limit Setting
The input current limit circuit is programmed by an external
resistor on ISET. This allows the user to program a
maximum average input current. For applications such
as USB that the current from the bus must be limited, the
value of RLIM and CC1 can be calculated as following
equation.
RLIM = 0.8 / (70 x 10
-6 x IIN (A))
CC1 = 16 x 10
-6 / RLIM
,, RC1 = 1kΩ
Soft-Start
The soft-start function is combined with shutdown. When
the SHDN/SS pin is brought above 1V (typ.), the IC will
be enabled. The components of RSS and CSS provide a
slow ramping voltage on the SHDN/SS pin to provide a
soft-start function.
Input Over Voltage Protection
The RT8032 equips input over voltage protection function.
When the input voltage exceeds 6V, the next switching
cycle of the IC will be terminated. Once the input voltage
is lower than 6V, the IC will enter normal operation again.
100% Duty Cycle Operation
When the input supply voltage decreases toward the output
voltage, the duty cycle increases toward the maximum
on-time. Further reduction of the supply voltage forces
the main switch to remain on for more than one cycle and
eventually reaching 100% duty cycle. The output voltage
will then be determined by the input voltage minus the
voltage drop across the internal P-MOSFET and the
inductor.
Inductor Selection
For a given input and output voltage, the inductor value
and operating frequency determine the ripple current. The
ripple current
ΔIL increases with higher VIN and decreases
with higher inductance.
⎥⎦
⎤
⎢⎣
⎡ −
⎥⎦
⎤
⎢⎣
⎡
×
=
Δ
IN
OUT
OUT
L
V
V
1
L
f
V
I
Inductor Core Selection
Once the value for L is known, the type of inductor must
be selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron cores,
forcing the use of more expensive ferrite or mollypermalloy
cores. Actual core loss is independent of core size for a
fixed inductor value but it is very dependent on the
inductance selected. As the inductance increases, core
losses decrease. Unfortunately, increased inductance
requires more turns of wire and therefore copper losses
will increase.
Ferrite designs have very low core losses and are preferred
at high switching frequencies, so design goals can
concentrate on copper loss and preventing saturation.
Ferrite core material saturates
“hard”, which means that
inductance collapses abruptly when the peak design
current is exceeded.
This result in an abrupt increase in inductor ripple current
and consequent output voltage ripple.
Do not allow the core to saturate!
Different core materials and shapes will change the size/
current and price/current relationship of an inductor. Toroid
or shielded pot cores in ferrite or permalloy materials are
small and don't radiate energy but generally cost more
than powdered iron core inductors with similar
characteristics. The choice of which style inductor to use
mainly depends on the price vs. size requirements and
any radiated field/EMI requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com