Electronic Components Datasheet Search
  English  ▼

X  

RT8035 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT8035
Description  Dual 800mA, 1.25MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8035 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8035 Datasheet HTML 3Page - Richtek Technology Corporation RT8035 Datasheet HTML 4Page - Richtek Technology Corporation RT8035 Datasheet HTML 5Page - Richtek Technology Corporation RT8035 Datasheet HTML 6Page - Richtek Technology Corporation RT8035 Datasheet HTML 7Page - Richtek Technology Corporation RT8035 Datasheet HTML 8Page - Richtek Technology Corporation RT8035 Datasheet HTML 9Page - Richtek Technology Corporation RT8035 Datasheet HTML 10Page - Richtek Technology Corporation RT8035 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
RT8035
9
DS8035-05 October 2012
www.richtek.com
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Layout Considerations
Follow the PCB layout guidelines for optimal performance
of RT8035.
Keep the trace of the main current paths as short and
wide as possible.
Put the input capacitor as close as possible to the device
pins (VIN1 / VIN2 and GND).
LX 1 / LX 2 node is with high frequency voltage swing
and should be kept at small area. Keep analog
components away from the LX 1 / LX 2 node to prevent
stray capacitive noise pick-up.
Place the feedback components as close as possible to
the FB1 / FB2 pins.
The GND and Exposed Pad must be connected to a
strong ground plane for heat sinking and noise protection.
Figure 2. Derating Curve of Maximum Power Dissipation
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. The Figure 2 of derating curve allows the
designer to see the effect of rising ambient temperature
on the maximum power dissipation allowed.
EN1
FB1
LX2
GND
LX1
GND
VIN1
EN2
FB2
VIN2
9
8
7
1
2
3
4
5
10
11
L1
CIN1
COUT1
R3
VOUT2
VOUT1
R4
R2
VOUT1
R1
L2
CIN2
COUT2
VOUT2
CFF1
CFF2
GND
Figure 3. PCB Layout Guide
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
25
50
75
100
125
Ambient Temperature (°C)
Four Layers PCB
WDFN-10L 3x3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com