Electronic Components Datasheet Search
  English  ▼

X  

RT8035 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT8035
Description  Dual 800mA, 1.25MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8035 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8035 Datasheet HTML 3Page - Richtek Technology Corporation RT8035 Datasheet HTML 4Page - Richtek Technology Corporation RT8035 Datasheet HTML 5Page - Richtek Technology Corporation RT8035 Datasheet HTML 6Page - Richtek Technology Corporation RT8035 Datasheet HTML 7Page - Richtek Technology Corporation RT8035 Datasheet HTML 8Page - Richtek Technology Corporation RT8035 Datasheet HTML 9Page - Richtek Technology Corporation RT8035 Datasheet HTML 10Page - Richtek Technology Corporation RT8035 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
RT8035
10
DS8035-05 October 2012
www.richtek.com
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Table 1. Recommended Inductors
Table 2. Recommended Capacitors for CIN and COUT
Supplier
Inductance
(
μH)
Dimensions
(mm)
Series
TAIYO YUDEN
2.2
3.00 x 3.00 x 1.50
NR 3015
GOTREND
2.2
3.85 x 3.85 x 1.80
GTSD32
Sumida
2.2
4.50 x 3.20 x 1.55
CDRH2D14
Sumida
4.7
4.50 x 3.20 x 1.55
CDRH2D14
TAIYO YUDEN
4.7
3.00 x 3.00 x 1.50
NR 3015
GOTREND
4.7
3.85 x 3.85 x 1.80
GTSD32
Supplier
Capacitance
(
μF)
Package
Part Number
TDK
4.7
0603
C1608JB0J475M
MURATA
4.7
0603
GRM188R60J475KE19
TAIYO YUDEN
4.7
0603
JMK107BJ475RA
TAIYO YUDEN
10
0603
JMK107BJ106MA
TDK
10
0805
C2012JB0J106M
MURATA
10
0805
GRM219R60J106ME19
MURATA
10
0805
GRM219R60J106KE19
TAIYO YUDEN
10
0805
JMK212BJ106RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com