Electronic Components Datasheet Search
  English  ▼

X  

RT8055 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8055
Description  3A, 2MHz, Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8055 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8055 Datasheet HTML 3Page - Richtek Technology Corporation RT8055 Datasheet HTML 4Page - Richtek Technology Corporation RT8055 Datasheet HTML 5Page - Richtek Technology Corporation RT8055 Datasheet HTML 6Page - Richtek Technology Corporation RT8055 Datasheet HTML 7Page - Richtek Technology Corporation RT8055 Datasheet HTML 8Page - Richtek Technology Corporation RT8055 Datasheet HTML 9Page - Richtek Technology Corporation RT8055 Datasheet HTML 10Page - Richtek Technology Corporation RT8055 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RT8055
7
DS8055-05
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Output Ripple
Time (500ns/Div)
VIN = 5V, VOUT = 3.3V
IOUT = 0A
VLX
(5V/Div)
VOUT
(5mV/Div)
Output Ripple
Time (500ns/Div)
VIN = 5V, VOUT = 3.3V
IOUT = 3A
VLX
(5V/Div)
VOUT
(5mV/Div)
Reference Voltage vs. Temperature
0.760
0.768
0.776
0.784
0.792
0.800
0.808
0.816
0.824
0.832
0.840
-50
-25
0
25
50
75
100
125
Temperature (°C)
Output Current Limit vs. Temperature
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V, VOUT = 3.3V
Output Current Limit vs. Input Voltage
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
Input Voltage (V)
VOUT = 3.3V
Output Voltage vs. Temperature
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 5V, VOUT = 3.3V
IOUT = 0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com