Electronic Components Datasheet Search
  English  ▼

X  

RT8055 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8055
Description  3A, 2MHz, Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8055 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8055 Datasheet HTML 1Page - Richtek Technology Corporation RT8055 Datasheet HTML 2Page - Richtek Technology Corporation RT8055 Datasheet HTML 3Page - Richtek Technology Corporation RT8055 Datasheet HTML 4Page - Richtek Technology Corporation RT8055 Datasheet HTML 5Page - Richtek Technology Corporation RT8055 Datasheet HTML 6Page - Richtek Technology Corporation RT8055 Datasheet HTML 7Page - Richtek Technology Corporation RT8055 Datasheet HTML 8Page - Richtek Technology Corporation RT8055 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
RT8055
3
DS8055-05
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
WDFN-10L 3x3
SOP-8
Pin Name
Pin Function
1
1
SHDN/RT
Shutdown Control or Frequency Setting Input. Connect a
resistor to ground from this pin sets the switching frequency.
Force this pin to VDD or GND causes the device to be shut down.
2,
11 (Exposed Pad)
2,
9 (Exposed Pad)
GND
Signal Ground. All small-signal components and compensation
components should be connected to this ground, which in turn
connects to PGND at one point. The exposed pad must be
soldered to a large PCB and connected to GND for maximum
power dissipation.
3, 4
3
LX
Internal Power MOSFET Switches Output. Connect this pin to
the inductor.
5
4
PGND
Power Ground. Connect this pin close to the negative terminal of
CIN and COUT.
6, 7
5
PVDD
Power Supply Input. Decouple this pin to PGND with a capacitor.
8
6
VDD
Signal Supply Input. Decouple this pin to GND with a capacitor.
Generally, VDD is equal to PVDD.
9
7
FB
Feedback Pin. This pin receives the feedback voltage from a
resistive divider connected across the output.
10
8
COMP
Error Amplifier Compensation Point. The current comparator
threshold increases with this control voltage. Connect external
compensation elements to this pin to stabilize the control loop.
Function Block Diagram
Driver
Control
Logic
OC
Limit
ISEN
Slope
Comp.
OSC
Output
Clamp
EA
0.8V
Internal -
Soft Star
POR
GND
FB
PVDD
VDD
PGND
LX
OTP
VREF
SD
NISEN
N-MOSFET ILIM
0.7V
0.4V
SHDN/RT
COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com