Electronic Components Datasheet Search
  English  ▼

X  

Z75 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # Z75
Description  ZENER SILICON RECTIFIER VOLTAGE RANGE 75 to 330 Volts CURRENT 1.0 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

Z75 Datasheet(HTML) 1 Page - Rectron Semiconductor

  Z75 Datasheet HTML 1Page - Rectron Semiconductor Z75 Datasheet HTML 2Page - Rectron Semiconductor Z75 Datasheet HTML 3Page - Rectron Semiconductor Z75 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VOLTAGE RANGE 75 to 330 Volts CURRENT 1.0 Watts
FEATURES
* High reliability
* Low leakage
* Low forward voltage drop
* Excellent clamping capability
MA X IMUM R AT ING S A ND E L E C T R IC A L C HA R A C T E R IS T IC S
R a tings a t 25
oC ambient temperature unles s otherwis e s pecified.
S ingle pha s e , ha lf wa ve , 6 0 H z , re s is tive or induc tive loa d.
F or c a pa c itive loa d, de ra te c urre nt by 2 0 % .
Z75
THRU
Z330
MAXIMUM RATINGS (At TA = 25oC unless otherwise noted)
ZENER SILICON RECTIFIER
DO-41
Dimensions in inches and (millimeters)
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.4 gram
TYPE
Zener
Breakdown
Voltage
Dynamic Impedances
@
25oC TA
Maximum Reverse
Current
@ Measurement
Voltage
and 25oC TA
Maximum Forward
Voltage
@ 25oC TA
@ IF = 1.0A
VZ
V
IZT
ZZT
IZK
ZZK
VR
IR
VF
mA
Ohms
mA
Ohms
V
uA
V
Z90
Z100
Z105
Z110
Z115
Z120
Z130
Z135
90
100
105
110
115
120
130
135
2.7
2.5
2.4
2.3
2.2
2.1
1.9
1.85
250
350
400
450
500
550
700
750
.25
.25
.25
.25
.25
.25
.25
.25
2000
3000
3500
4000
4250
4500
5000
5250
70
75
77
80
85
90
95
100
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.0 (25.4)
MIN.
.166 (4.2)
.205 (5.2)
1.0 (25.4)
MIN.
.107 (2.7)
.080 (2.0)
DIA.
.034 (0.9)
.028 (0.7)
DIA.
Z75
75
3.0
200
.25
1500
60
5.0
1.2


Similar Part No. - Z75

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
Z755 PF-Z755 Datasheet
614Kb / 3P
Zener Barrier
logo
Mini-Circuits
Z7550-BFNF MINI-Z7550-BFNF Datasheet
284Kb / 2P
Matching Transformer
Z7550-BFNF+ MINI-Z7550-BFNF+ Datasheet
284Kb / 2P
Matching Transformer
Z7550-BMBF MINI-Z7550-BMBF Datasheet
379Kb / 2P
Matching Transformer
Z7550-BMBF+ MINI-Z7550-BMBF+ Datasheet
379Kb / 2P
Matching Transformer
More results

Similar Description - Z75

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM4001 RECTRON-FM4001 Datasheet
23Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
FM4001W RECTRON-FM4001W Datasheet
23Kb / 2P
SURFACE MOUNT SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RL1N4001 RECTRON-RL1N4001 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
List of Unclassifed Man...
1N4001PT ETC1-1N4001PT Datasheet
71Kb / 2P
SILICON RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 1.0 Ampere
logo
Dc Components
1N4001A DCCOM-1N4001A Datasheet
379Kb / 2P
TECHNICAL SPECIFICATIONS SILICON RECTIFIER VOLTAGE RANGE - 50 to 100 Volts CURRENT - 1.0 Ampere
logo
Chenmko Enterprise Co. ...
1N4001PT CHENMKO-1N4001PT Datasheet
77Kb / 2P
SILICON RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 1.0 Ampere
logo
Rectron Semiconductor
HL101W RECTRON-HL101W Datasheet
260Kb / 4P
SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
SA1 RECTRON-SA1 Datasheet
314Kb / 4P
SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
SA1L RECTRON-SA1L Datasheet
317Kb / 4P
SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
Kingtronics Internation...
1A1-1A7 KINGTRONICS-1A1-1A7 Datasheet
294Kb / 2P
1.0 AMP. SILICON RECTIFIERS Voltage Range 50 to 1000 Volts Current 1.0 Amperes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com