Electronic Components Datasheet Search
  English  ▼

X  

Z75 Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # Z75
Description  ZENER SILICON RECTIFIER VOLTAGE RANGE 75 to 330 Volts CURRENT 1.0 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

Z75 Datasheet(HTML) 3 Page - Rectron Semiconductor

  Z75 Datasheet HTML 1Page - Rectron Semiconductor Z75 Datasheet HTML 2Page - Rectron Semiconductor Z75 Datasheet HTML 3Page - Rectron Semiconductor Z75 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
Pulse Width = 300us
1% Duty Cycle
10
1.0
.1
.01
.4
.6
.8
1.0
1.2
1.4
1.6
TJ = 25
RATING AND CHARACTERISTIC CURVES ( Z75 THRU Z330 )
FIG. 1 - MAXIMUM CONTINUOUS POWER DISSIPATION
LEAD TEMPERATURE,
1.0
.75
.50
.25
0
25
50
75
100
125
150
175
Single Phase Half Wave
60Hz Inductive or
Resistive Load
0.375" (9.5mm) Lead Lengths
TJ = 25
FIG. 2 - TYPICAL ZENER IMPEDANCE
Iz, ZENER TEST CURRENT (mA)
10000
10
50
100
200
500
1000
2000
5000
.5
1.0
5.0
10
20
50 100 200 500
Vz=200V
Vz=180V
Vz=160V
Vz=100V
iz = (rms) = 0.1Iz (dc)
TJ = 100
TJ = 25
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
20
40
60
80
100
120
140
.01
.04
.1
.4
10
1.0
4
FIG. 5 - TYPICAL TEMPERATURE COEFFICIENTS
Vz, ZENER VOLTAGE (V)
80
100
120
150
180
200
220
100 110 120 130 140 150 160 170 180 190 200



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com