Electronic Components Datasheet Search
  English  ▼

X  

RT8056 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8056
Description  Dual 1A 1.5MHz Synchronous Step-Down Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8056 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8056 Datasheet HTML 3Page - Richtek Technology Corporation RT8056 Datasheet HTML 4Page - Richtek Technology Corporation RT8056 Datasheet HTML 5Page - Richtek Technology Corporation RT8056 Datasheet HTML 6Page - Richtek Technology Corporation RT8056 Datasheet HTML 7Page - Richtek Technology Corporation RT8056 Datasheet HTML 8Page - Richtek Technology Corporation RT8056 Datasheet HTML 9Page - Richtek Technology Corporation RT8056 Datasheet HTML 10Page - Richtek Technology Corporation RT8056 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
RT8056
7
DS8056-02 April 2011
www.richtek.com
Load Transient Response
Time (100
μs/Div)
IOUT
(500mA/Div)
VOUT
(50mV/Div)
VIN = 5V, VOUT = 2.5V, IOUT = 50mA to 1000mA
Load Transient Response
Time (100
μs/Div)
VOUT
(50mV/Div)
IOUT
(500mA/Div)
VIN = 5V, VOUT = 1.2V, IOUT = 50mA to 1000mA
Power On from EN
Time (250
μs/Div)
EN
(5V/Div)
IIN
(1A/Div)
VOUT1
(1V/Div)
VOUT2
(2V/Div)
VOUT1 = 1.2V, VOUT2 = 2.5V, IOUT1 = IOUT2 = 1A
VIN = 5V
VIN OVP Threshold vs. Temperature
5.60
5.65
5.70
5.75
5.80
5.85
5.90
5.95
6.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN UVLO Threshold vs. Temperature
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Falling
Rising
EN Threshold vs. Temperature
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
-50
-25
0
25
50
75
100
125
Temperature (°C)
Falling
Rising



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com