Electronic Components Datasheet Search
  English  ▼

X  

RT8056 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8056
Description  Dual 1A 1.5MHz Synchronous Step-Down Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8056 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8056 Datasheet HTML 1Page - Richtek Technology Corporation RT8056 Datasheet HTML 2Page - Richtek Technology Corporation RT8056 Datasheet HTML 3Page - Richtek Technology Corporation RT8056 Datasheet HTML 4Page - Richtek Technology Corporation RT8056 Datasheet HTML 5Page - Richtek Technology Corporation RT8056 Datasheet HTML 6Page - Richtek Technology Corporation RT8056 Datasheet HTML 7Page - Richtek Technology Corporation RT8056 Datasheet HTML 8Page - Richtek Technology Corporation RT8056 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RT8056
3
DS8056-02 April 2011
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN -----------------------------------------------------------------------------------------------------------------------------------
−0.3V to 6.5V
LX1, LX2 Pin Voltages -----------------------------------------------------------------------------------------------
−0.3V to (VIN+0.3V)
Other I/O Pin Voltages ----------------------------------------------------------------------------------------------
−0.3V to 6.5V
Power Dissipation, PD @ TA = 25
°C
WDFN-10L 3x3 -------------------------------------------------------------------------------------------------------- 1.429W
Package Thermal Resistance (Note 2)
WDFN-10L 3x3,
θJA -------------------------------------------------------------------------------------------------- 70°C/W
WDFN-10L 3x3,
θJC -------------------------------------------------------------------------------------------------- 8.2°C/W
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------- 260
°C
Junction Temperature ------------------------------------------------------------------------------------------------ 150
°C
Storage Temperature Range ---------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM --------------------------------------------------------------------------------------------------------------------- 2kV
MM ----------------------------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ------------------------------------------------------------------------------------------- 2.8V to 5.5V
Junction Temperature Range ---------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ---------------------------------------------------------------------------------------
−40°C to 85°C
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
IQ
--
300
--
μA
Feedback Reference Voltage
VREF
0.588
0.6
0.612
V
VIN Rising
--
2.1
--
V
Under Voltage Lockout Threshold
VUVLOH
Hysteresis
--
0.18
--
V
Shutdown Current
ISHDN
--
0.1
1
μA
Switching Frequency
1.2
1.5
1.8
MHz
Logic High
VIH
1.5
--
VIN
V
ENx Threshold
Voltage
Logic Low
VIL
--
--
0.4
V
Peak Current Limit
ILIM
VIN = 2.8V to 5.5V
1.1
1.5
--
A
Output Voltage Line Regulation
VIN = 2.8V to 5.5V
--
0.04
0.4
%V
Output Voltage Load Regulation
0mA < ILOAD < 1A
(Note5)
--
1
--
%
Switch On-Resistance, High
RDS(ON)_H
ISW = 0.2A
--
280
--
m
Ω
Switch On Resistance, Low
RDS(ON)_L
ISW = 0.2A
--
290
--
m
Ω
Thermal Shutdown Temperature
TSD
--
138
--
°C
Thermal Shutdown Hysteresis
--
18
--
°C
(VIN = 3.6V, TA = 25
°C unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com