Electronic Components Datasheet Search
  English  ▼

X  

RT8079 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8079
Description  2.95V to 6V Input, 3A Output, 2MHz, Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8079 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8079 Datasheet HTML 1Page - Richtek Technology Corporation RT8079 Datasheet HTML 2Page - Richtek Technology Corporation RT8079 Datasheet HTML 3Page - Richtek Technology Corporation RT8079 Datasheet HTML 4Page - Richtek Technology Corporation RT8079 Datasheet HTML 5Page - Richtek Technology Corporation RT8079 Datasheet HTML 6Page - Richtek Technology Corporation RT8079 Datasheet HTML 7Page - Richtek Technology Corporation RT8079 Datasheet HTML 8Page - Richtek Technology Corporation RT8079 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT8079
®
DS8079-01
February 2013
www.richtek.com
1
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
General Description
The RT8079 is a high efficiency step-down converter and
capable of delivering 3A output current over a wide input
voltage range from 2.95V to 6V.
The RT8079 provides accurate regulation for a variety of
loads with
±3% accuracy. For reducing inductor size, it
provides up to 2MHz switching frequency. The efficiency
is maximized through the integrated 45m
Ω MOSFETs
and 550
μA typical supply current.
Under voltage lockout voltage of the RT8079 is 2.7V, and
it also provides external setting by a resistor network on
the enable pin.
The RT8079 provides protections such as inductor current
limit under voltage lockout and thermal shutdown. The
over temperature threshold is 145
°C.
The RT8079 is available in WQFN-16L 3x3 package.
2.95V to 6V Input, 3A Output, 2MHz, Synchronous
Step-Down Converter
Features
Integrated 45m
Ω
Ω
Ω
Ω
Ω MOSFETs
Input Range : 2.95V to 6V
Adjustable PWM Frequency : 300kHz to 2MHz
Output Current : 3A
95% Efficiency
Adjustable Soft-Start
Power Good Indicator
Enable Control
Under Voltage Lockout
Current Limit
Thermal Shutdown
16-Lead WQFN Package
RoHS Compliant and Halogen Free
Applications
Low-Voltage, High-Density Power Systems
Distributed Power Systems
Point-of-Load Conversions
Simplified Application Circuit
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
RT8079
Package Type
QW : WQFN-16L 3x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
62=YM
DNN
Marking Information
62= : Product Code
YMDNN : Date Code
VIN
SW
RT8079
EN
FB
VIN
VOUT
GND
PGOOD
BOOT
SS/TR
RT/SYNC
COMP
AGND


Similar Part No. - RT8079

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
4A, 2MHz, Synchronous Step-Down Converter
RT8072 RICHTEK-RT8072 Datasheet
292Kb / 16P
5A, 2MHz, High Efficiency Synchronous Step-Down Converter
RT8073 RICHTEK-RT8073 Datasheet
289Kb / 16P
6A, 2MHz, High Efficiency Synchronous Step-Down Converter
RT8074 RICHTEK-RT8074 Datasheet
145Kb / 10P
4A, 2MHz, Synchronous Step-Down Converter
RT8075 RICHTEK-RT8075 Datasheet
177Kb / 11P
Dual 1A, 1.25MHz Synchronous Step-Down Converter
More results

Similar Description - RT8079

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54318 TI-TPS54318 Datasheet
1Mb / 36P
2.95V To 6V Input 3A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
TPS54318 TI-TPS54318_1 Datasheet
1Mb / 36P
2.95V To 6V Input, 3A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS5432 TI1-TPS5432 Datasheet
1Mb / 28P
2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
logo
Richtek Technology Corp...
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
3A, 2MHz, Synchronous Step-Down Converter
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2136 MPS-MP2136 Datasheet
868Kb / 11P
2.5V to 6V Input, 2MHz, 1A Synchronous Step-Down Converter
logo
Texas Instruments
TPS5432 TI-TPS5432_15 Datasheet
1Mb / 31P
2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com