Electronic Components Datasheet Search
  English  ▼

X  

RT8079 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8079
Description  2.95V to 6V Input, 3A Output, 2MHz, Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8079 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8079 Datasheet HTML 1Page - Richtek Technology Corporation RT8079 Datasheet HTML 2Page - Richtek Technology Corporation RT8079 Datasheet HTML 3Page - Richtek Technology Corporation RT8079 Datasheet HTML 4Page - Richtek Technology Corporation RT8079 Datasheet HTML 5Page - Richtek Technology Corporation RT8079 Datasheet HTML 6Page - Richtek Technology Corporation RT8079 Datasheet HTML 7Page - Richtek Technology Corporation RT8079 Datasheet HTML 8Page - Richtek Technology Corporation RT8079 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
DS8079-01
February 2013
www.richtek.com
RT8079
©
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Operation
The RT8079 is a synchronous step-down DC/DC converter
with two integrated power MOSFETs. It can deliver up to
3A output current from a 2.95V to 6V input supply. The
RT8079's current mode architecture allows the transient
response to be optimized over a wider input voltage and
load range. Cycle-by-cycle current limit provides protection
against shorted outputs and soft-start eliminates input
current surge during start-up. The RT8079 is
synchronizable to an external clock with frequency ranging
from 300kHz to 2MHz. The RT8079 is available in
WQFN-16L 3x3 package.
High side MOSFET peak current is measured by internal
sensing resistor. The Current Signal is where Slope
Compensator works together with sensing voltage sensing
resistor. The error amplifier adjusts COMP voltage by
comparing the feedback signal (VFB) from the output
voltage with the internal 0.827V reference. When the load
current increases, it causes a drop in the feedback voltage
relative to the reference, the COMP voltage then rises to
allow higher inductor current to match the load current.
EN Comparator
The RT8079 is enable when EN pin is higher than 1.25V.
It is disable when EN pin lower than 1.18V. There is an
internal pull-high current source to charge the EN pin to
high when the EN pin is floating.
Oscillator (OSC)
The internal oscillator that provides switching frequency
from 300kHz to 2MHz. It is adjusted using an external
timing resistor. It also can be synchronized by an external
clock in the range between 300kHz and 2MHz from RT/
SYNC pin.
PGOOD Comparator
When the feedback voltage (VFB) rises above 93% or falls
below 107% of reference voltage the PGOOD open drain
output will be high impedance. The PGOOD open drain
output will be internally pulled low when the feedback
voltage (VFB) falls below 88% or rises above 113% of
reference voltage.
Soft-Start (SS)
An internal current source (2.2
μA) charges an external
capacitor to build the soft-start ramp voltage (VSS). The
VFB voltage will track the VSS during soft-start interval.
The Soft-Start setting capacitor (CSS) for the Soft-Start
time (TSS) can be easily calculated by the following
equation :
Over Temperature Protection (OTP)
The RT8079 implement an internal over temperature
protection. When junction temperature is higher than
145
°C, it will stop switching. Until the junction temperature
decreases below 125
°C, the RT8079 will re-soft-start from
initial condition.
×μ
SS
SS
T
(ms) 2.2 ( A)
C
(nF) =
0.827 (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com