Electronic Components Datasheet Search
  English  ▼

X  

RT8082 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8082
Description  3A, 2MHz, Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8082 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8082 Datasheet HTML 1Page - Richtek Technology Corporation RT8082 Datasheet HTML 2Page - Richtek Technology Corporation RT8082 Datasheet HTML 3Page - Richtek Technology Corporation RT8082 Datasheet HTML 4Page - Richtek Technology Corporation RT8082 Datasheet HTML 5Page - Richtek Technology Corporation RT8082 Datasheet HTML 6Page - Richtek Technology Corporation RT8082 Datasheet HTML 7Page - Richtek Technology Corporation RT8082 Datasheet HTML 8Page - Richtek Technology Corporation RT8082 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT8082
®
DS8082-00
November 2012
www.richtek.com
1
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Applications
LCD TV and Monitor
Notebook Computers
Distributed Power Systems
IP Phones
Digital Cameras
General Description
The RT8082 is a high efficiency synchronous, step-down
DC/DC converter. Its input voltage range is from 2.7V to
5.5V and provides an adjustable regulated output voltage
from 1V to 5V while delivering up to 3A of output current.
The internal synchronous low on-resistance power
switches increase efficiency and eliminate the need for
an external Schottky diode. The switching ripple voltage
is easily smoothed-out by small package filtering elements
due to a fixed operating frequency of 2MHz. The 100%
duty cycle provides low dropout operation extending
battery input range in portable systems. Current mode
operation with external compensation allows the transient
response to be optimized over a wide range of loads and
output capacitors.
The RT8082 operates in forced continuous PWM Mode,
which minimizes ripple voltage and reduces the noise and
RF interference.
3A, 2MHz, Synchronous Step-Down Converter
Features
High Efficiency : Up to 95%
2MHz Fixed Frequency PWM Operation
No Schottky Diode Required
1V Reference Allows Low Output Voltage
Output Current up to 3A
Forced Continuous Mode Operation
Low Dropout Operation : 100% Duty Cycle
Enable Function
Power Good Function
Internal Soft-Start
RoHS Compliant and Halogen Free
Simplified Application Circuit
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Package Type
QW : WDFN-12E 3x3 (W-Type)
RT8082
Lead Plating System
G : Green (Halogen Free and Pb Free)
Marking Information
0E=YM
DNN
0E= : Product Code
YMDNN : Date Code
EN
VIN
RT8082
VIN
BIAS
LX
FB
RBIAS
L
COUT
VOUT
CIN
CFF
R1
R2
CBIAS
PGOOD
RPGOOD
PGND
AGND
PGOOD
Enable


Similar Part No. - RT8082

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8088A RICHTEK-RT8088A Datasheet
236Kb / 16P
2.7MHz 3A Step-Down Converter with I2C Interface
August 2017
RT8088AWSC RICHTEK-RT8088AWSC Datasheet
236Kb / 16P
2.7MHz 3A Step-Down Converter with I2C Interface
August 2017
RT8089A RICHTEK-RT8089A Datasheet
210Kb / 15P
3A, 1MHz, Synchronous Step-Down Converter
More results

Similar Description - RT8082

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8015A RICHTEK-RT8015A Datasheet
230Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8055B RICHTEK-RT8055B Datasheet
173Kb / 13P
3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
3A, 2MHz, Synchronous Step-Down Converter
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
2A, 2MHz, Synchronous Step-Down Converter
RT8065 RICHTEK-RT8065 Datasheet
204Kb / 13P
3A, 2MHz, Synchronous Step-Down Converter
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
4A, 2MHz, Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
2A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com