Electronic Components Datasheet Search
  English  ▼

X  

AMP02FP Datasheet(PDF) 3 Page - Analog Devices

Part # AMP02FP
Description  High Accuracy 8-Pin Instrumentation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP02FP Datasheet(HTML) 3 Page - Analog Devices

  AMP02FP Datasheet HTML 1Page - Analog Devices AMP02FP Datasheet HTML 2Page - Analog Devices AMP02FP Datasheet HTML 3Page - Analog Devices AMP02FP Datasheet HTML 4Page - Analog Devices AMP02FP Datasheet HTML 5Page - Analog Devices AMP02FP Datasheet HTML 6Page - Analog Devices AMP02FP Datasheet HTML 7Page - Analog Devices AMP02FP Datasheet HTML 8Page - Analog Devices AMP02FP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AMP02E
AMP02F
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Units
POWER SUPPLY
Supply Voltage Range
VS
±4.5
±18
±4.5
±18
V
Supply Current
ISY
TA = +25°C5
6
5
6
mA
–40
°C ≤ T
A ≤ +85°C5
6
5
6
mA
NOTES
1Input voltage range guaranteed by common-mode rejection test.
2Guaranteed by design.
3Gain tempco does not include the effects of external component drift.
Specifications subject to change without notice.
ORDERING GUIDE
VIOS max @ VOOS max @ Temperature
Package
Model
TA = +25 CTA = +25 C
Range
Description
AMP02EP
100
µV
4 mV
–40
°C to +85°C
8-Pin Plastic DIP
AMP02FP
200
µV
8 mV
–40
°C to +85°C
8-Pin Plastic DIP
AMP02AZ/883C
200
µV
10 mV
–55
°C to +125°C 8-Pin Cerdip
AMP02FS
200
µV
8 mV
–40
°C to +85°C
16-Pin SOIC
AMP02GBC
Die
AMP02FS-REEL
200
µV
8 mV
–40
°C to +85°C
16-Pin SOIC
ABSOLUTE MAXIMUM RATINGS
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Common-Mode Input Voltage . [(V–) – 60 V] to [(V+) + 60 V]
Differential Input Voltage . . . . [(V–) – 60 V] to [(V+) + 60 V]
Output Short-Circuit Duration . . . . . . . . . . . . . . . Continuous
Operating Temperature Range . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Function Temperature Range . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
°C
Package Type
JA
2
JC
Units
8-Pin Plastic DIP (P)
96
37
°C/W
16-Pin SOL (S)
92
27
°C/W
NOTES
1Absolute maximum ratings apply to both DICE and packaged parts, unless oth-
erwise noted.
2
θ
JA is specified for worst case mounting conditions, i.e.,
θ
JA is specified for de-
vice in socket for P-DIP package;
θ
JA is specified for device soldered to printed
circuit board for SOL package.
Figure 2. Simplified Schematic
AMP02
–3–
REV. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com