Electronic Components Datasheet Search
  English  ▼

X  

AMP02FP Datasheet(PDF) 4 Page - Analog Devices

Part # AMP02FP
Description  High Accuracy 8-Pin Instrumentation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP02FP Datasheet(HTML) 4 Page - Analog Devices

  AMP02FP Datasheet HTML 1Page - Analog Devices AMP02FP Datasheet HTML 2Page - Analog Devices AMP02FP Datasheet HTML 3Page - Analog Devices AMP02FP Datasheet HTML 4Page - Analog Devices AMP02FP Datasheet HTML 5Page - Analog Devices AMP02FP Datasheet HTML 6Page - Analog Devices AMP02FP Datasheet HTML 7Page - Analog Devices AMP02FP Datasheet HTML 8Page - Analog Devices AMP02FP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AMP02
REV. D
–4–
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AMP02 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
DIE SIZE 0.103 X 0.116 inch, 11,948 sq. mils
(2.62 X 2.95 mm, 7.73 sq. mm)
Dice Characteristics
1. RG1
2. –IN
3. +IN
4. V–
5. REFERENCE
6. OUT
7. V+
8. RG2
9. SENSE
CONNECT SUBSTRATE TO V–
WAFER TEST LIMITS at V
S =
15 V, VCM = 0 V, TA = +25 C, unless otherwise noted.
AMP02 GBC
Parameter
Symbol
Conditions
Limits
Units
Input Offset Voltage
VIOS
200
µV max
Output Offset Voltage
VOOS
8
mV max
VS = ± 4.8 V to ± 18 V
G = 1000
110
Power Supply
PSR
G = 100
110
dB min
Rejection
G = 10
95
G = 1
75
Input Bias Current
IB
20
nA max
Input Offset Current
IOS
10
nA max
Input Voltage Range
IVR
Guaranteed by CMR Tests
±11
V min
VCM =
±11 V
G = 1000
110
Common-Mode
CMR
G = 100
110
dB min
Rejection
G = 10
95
G = 1
75
Gain Equation Accuracy
G
=
50 k
Ω
R
G
+ 1, G = 1000
0.7
% max
Output Voltage Swing
VOUT
RL = 1 k
Ω±12
V min
Supply Current
ISY
6
mA max
NOTE
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualifications through sample lot assembly and testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com