Electronic Components Datasheet Search
  English  ▼

X  

AMP01EX Datasheet(PDF) 16 Page - Analog Devices

Part # AMP01EX
Description  Low Noise, Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01EX Datasheet(HTML) 16 Page - Analog Devices

Back Button AMP01EX Datasheet HTML 12Page - Analog Devices AMP01EX Datasheet HTML 13Page - Analog Devices AMP01EX Datasheet HTML 14Page - Analog Devices AMP01EX Datasheet HTML 15Page - Analog Devices AMP01EX Datasheet HTML 16Page - Analog Devices AMP01EX Datasheet HTML 17Page - Analog Devices AMP01EX Datasheet HTML 18Page - Analog Devices AMP01EX Datasheet HTML 19Page - Analog Devices AMP01EX Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
AMP01
–16–
REV. D
IOUT
R1
100
R2
200
ROUT
TRIM
SENSE
7
9
8
REFERENCE
10
11
15
14
12
13
18
1
2
3
RG
2k
+IN
–IN
VIN
RS
2k
–15V
0.047 F
0.047 F
+15V
COMPLIANCE, TYPICALLY
10V
LINEARITY ~0.01%
OUTPUT RESISTANCE AT 20mA ~5M
POWER BANDWIDTH (–3dB) ~60kHz
INTO 500
LOAD
IOUT = VIN
(
)
20
RS
RG
R1
AMP01
R1 = 100
FOR IOUT = 20mA
VIN = 100mV FOR 20mA FULL SCALE
RG
RG
RS
RS
V+
V–
Figure 36. High Compliance Bipolar Current Source with 13-Bit Linearity
ROUT TRIM
7
9
8
10
11
15
14
12
13
18
1
2
3
RG
2.75k
+IN
–IN
0V
RS
2k
0.047 F
AMP01
COMPLIANCE OF IOUT, +20V WITH +30V SUPPLY (OUTPUT w.r.t. 0V)
DIFFERENTIAL INPUT OF 100mV FOR 16mA SPAN
OUTPUT RESISTANCE ~5M
AT IOUT = 20mA
LINEARITY 0.01% OF SPAN
0.047 F
R5
2.21k
R6
500
ZERO TRIM
R2
200
REF-02
R3
100
4
6
2
R1
100
+15V
TO +30V
IOUT
4mA TO 20mA
–5V
ALL RESISTORS 1% METAL FILM
RS
RS
RG
RG
V–
V+
R4
100
Figure 37. 13-Bit Linear 4–20 mA Transmitter Constructed by Adding a Voltage Reference.
Thermocouple Signals Can Be Accepted Without Preamplification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com