Electronic Components Datasheet Search
  English  ▼

X  

AMP01EX Datasheet(PDF) 19 Page - Analog Devices

Part # AMP01EX
Description  Low Noise, Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01EX Datasheet(HTML) 19 Page - Analog Devices

Back Button AMP01EX Datasheet HTML 14Page - Analog Devices AMP01EX Datasheet HTML 15Page - Analog Devices AMP01EX Datasheet HTML 16Page - Analog Devices AMP01EX Datasheet HTML 17Page - Analog Devices AMP01EX Datasheet HTML 18Page - Analog Devices AMP01EX Datasheet HTML 19Page - Analog Devices AMP01EX Datasheet HTML 20Page - Analog Devices AMP01EX Datasheet HTML 21Page - Analog Devices AMP01EX Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
AMP01
–19–
REV. D
18
1
2
3
R4
VIN
7
8
9
10
11
VOUT
R1 =
R2
GAIN (G)
R3 = R1 // R2
R4 = 1.5k
@ G = 1
1.2k
@ G = 10
120
@ G = 100 AND 1000
–15V
+
10 F
15
14
20V p-p INTO 500
// 1000pF.
TOTAL HARMONIC DISTORTION:
<0.005% @ 1kHz, VOUT = 20V p-p
NC
NC
R2
220k
0.01 F
4.7k
R3
+15V
AMP01
RG
RG
RS
RS
SENSE
V–
REF
0.047 F
0.047 F
10 F
+
G = 1 TO 1000
R1
12
13
V–
Figure 42. The Inverting Operational Amplifier Configuration has Excellent Linearity over the Gain Range 1 to 1000, Typically
0.005%. Offset Voltage Drift at Unity Gain Is Improved over the Drift in the Instrumentation Amplifier Configuration.
18
1
2
3
RG
3k
VIN
AMP01
RG
RG
REF
SENSE
7
8
9
13
10
12
11
V+
V–
VOUT
+15V
NC
NC
–15V
0.047 F
+
10 F
R2
4.7k
RL
CL
15
14
POWER BANDWIDTH (–3dB)
~60kHz
TOTAL HARMONIC DISTORTION
~0.001%
@1kHz, 20V p-p INTO 500
// 1000pF
NC = NO CONNECT
0.047 F
+
10 F
680pF
0.01 F
R3
330
R1
4.7k
RS
RS
Figure 43. Stability with Large Capacitive Loads Combined with High Output Current Capability make the AMP01 Ideal
for Line Driving Applications. Offset Voltage Drift Approaches the TCVIOS Limit, (0.3 µV/ °C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com