Electronic Components Datasheet Search
  English  ▼

X  

DAC10 Datasheet(PDF) 6 Page - Analog Devices

Part # DAC10
Description  10-Bit High Speed Multiplying D/A Converter Universal Digital Logic Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC10 Datasheet(HTML) 6 Page - Analog Devices

Back Button DAC10 Datasheet HTML 2Page - Analog Devices DAC10 Datasheet HTML 3Page - Analog Devices DAC10 Datasheet HTML 4Page - Analog Devices DAC10 Datasheet HTML 5Page - Analog Devices DAC10 Datasheet HTML 6Page - Analog Devices DAC10 Datasheet HTML 7Page - Analog Devices DAC10 Datasheet HTML 8Page - Analog Devices DAC10 Datasheet HTML 9Page - Analog Devices DAC10 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DAC10
–6–
REV. D
Figure 13. Offset Binary Operation
Figure 12. Basic Bipolar Output Operation
Figure 11. Basic Unipolar Negative Operation
Figure 9. Basic Negative Reference Operation
Figure 10. Recommended Full-Scale Adjustment Circuit
DAC10
16
17
RREF
R17
4
2
IO
IO
IFS
–VREF
RREF
2
–VREF
NOTE: RREF SETS IFS; R17 IS FOR BIAS
CURRENT CANCELLATION
B1 B2 B3 B4 B5 B6 B7 B8 B9 B10
MSB
LSB
DAC10
IREF =
2.000mA
16
2
4 1.25k
1.25k
IO
IO
B1 B2 B3 B4 B5 B6 B7 B8 B9 B10
11
1
1
1
1
1
1
1
1
10
0
0
0
0
0
0
1
0
10
0
0
0
0
0
0
0
0
01
1
1
1
1
1
1
1
1
00
0
0
0
0
0
0
1
0
00
0
0
0
0
0
0
0
0
FULL RANGE
HALF-SCALE +LSB
HALF-SCALE
HALF-SCALE –LSB
HALF-SCALE +LSB
ZERO SCALE +LSB
IOmA
0.000
1.992
1.996
2.000
3.992
3.996
EO
–0.000
–2.490
–2.495
–2.500
–4.990
–4.995
IOmA
3.996
2.004
2.000
1.996
0.004
0.000
EO
–4.995
–2.505
–2.500
–2.495
–0.005
0.000
EO
EO
B1 B2 B3 B4 B5 B6 B7 B8 B9 B10
MSB
LSB
DAC10
IREF (+) =
2.000mA
16
2
4
2.5k
IO
IO
2.5k
+5V
EO
EO
B1 B2 B3 B4 B5 B6 B7 B8 B9 B10
11
1
1
1
1
1
1
1
1
11
1
1
1
1
1
1
0
1
10
0
0
0
0
0
0
1
0
10
0
0
0
0
0
0
0
0
11
1
1
1
1
1
1
1
1
00
0
0
0
0
0
0
1
0
POSITIVE FULL RANGE
POSITIVE FULL RANGE –LSB
ZERO-SCALE +LSB
ZERO-SCALE
NEGATIVE FULL-SCALE +LSB
NEGATIVE FULL-SCALE
EO
+5.000
+4.990
+0.020
+0.010
0.000
–4.980
EO
–4.990
–4.980
–0.010
0.000
+0.010
+4.990
ZERO-SCALE –LSB
00
0
0
0
0
0
0
0
0
+5.000
–4.990
B1 B2 B3 B4 B5 B6 B7 B8 B9 B10
MSB
LSB
DAC10
2
4
2.5k
IO
IO
+15V
EO
+15V
2
VIN
VO
REF01
GND
4
6
5k
5.000
k
5k
V–
V+
CC
VLC
–15V
B1 B2 B3 B4 B5 B6 B7 B8 B9 B10
11
1
1
1
1 1
1 1
1
10
0
0
0
0 0
0 0
0
00
0
0
0
0 0
0 1
0
00
0
0
0
0 0
0 0
0
POSITIVE FULL RANGE
ZERO-SCALE
NEGATIVE FULL-SCALE +LSB
NEGATIVE FULL-SCALE
EO
+4.990
0.00
–4.990
–5.000
IREF(+) 2mA
DAC10
16
17
VREF
+10V
LOW T.C.
4.5k
39k
10k
POT
1V
APPROXIMATELY
5k



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com