Electronic Components Datasheet Search
  English  ▼

X  

DAC10 Datasheet(PDF) 3 Page - Analog Devices

Part # DAC10
Description  10-Bit High Speed Multiplying D/A Converter Universal Digital Logic Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC10 Datasheet(HTML) 3 Page - Analog Devices

  DAC10 Datasheet HTML 1Page - Analog Devices DAC10 Datasheet HTML 2Page - Analog Devices DAC10 Datasheet HTML 3Page - Analog Devices DAC10 Datasheet HTML 4Page - Analog Devices DAC10 Datasheet HTML 5Page - Analog Devices DAC10 Datasheet HTML 6Page - Analog Devices DAC10 Datasheet HTML 7Page - Analog Devices DAC10 Datasheet HTML 8Page - Analog Devices DAC10 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
–3–
REV. D
DAC10
WAFER TEST LIMITS
DAC10N
Parameter
Symbol
Conditions
Limit
Units
RESOLUTION
10
Bits min
MONOTONICITY
10
Bits min
NONLINEARITY
NL
±0.5
LSB max
OUTPUT VOLTAGE COMPLIANCE
VOC
True 1 LSB
+10
V max
–5
V min
OUTPUT CURRENT RANGE
IFS
±3.996 mA
±18
µA max
ZERO-SCALE CURRENT
IZS
All Bits OFF
0.5
µA max
LOGIC INPUT “1”
VIH
IIN = 100 nA
2
V min
LOGIC INPUT “0”
VIL
VLC @ Ground
0.8
V max
IIN = –100
µA
POSITIVE SUPPLY CURRENT
I+
V+ = 15 V
4
mA max
NEGATIVE SUPPLY CURRENT
I–
V+ = –15 V
–15
mA max
NOTE: Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not
guaranteed for standard produce dice.
TYPICAL ELECTRICAL CHARACTERISTICS
DAC10F
Parameter
Symbol
Conditions
Typ
Units
SETTLING TIME
tS
To
±1/2 LSB When Output Is Switched from 0 to FS
85
ns
GAIN TEMPERATURE
COEFFICIENT (TC)
VREF Tempco Excluded
±10
ppm FS/
°C
OUTPUT CAPACITANCE
18
pF
OUTPUT RESISTANCE
10
M
Ω
(@ VS =
15 V, IREF = 2 mA, TA = +25 C, unless otherwise noted. Output characteristics refer to both
IOUT and IOUT).
(@ VS =
15 V, IREF = 2 mA, unless otherwise noted. Output characteristics
refer to both IOUT and IOUT).
DICE CHARACTERISTICS
DIE SIZE 0.091
0.087 inch, 7,917 sq. mils
(2.311
2.210 mm, 5.107 sq. mm)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com