Electronic Components Datasheet Search
  English  ▼

X  

AFE4490RHAT Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490RHAT
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490RHAT Datasheet(HTML) 39 Page - Texas Instruments

Back Button AFE4490RHAT Datasheet HTML 35Page - Texas Instruments AFE4490RHAT Datasheet HTML 36Page - Texas Instruments AFE4490RHAT Datasheet HTML 37Page - Texas Instruments AFE4490RHAT Datasheet HTML 38Page - Texas Instruments AFE4490RHAT Datasheet HTML 39Page - Texas Instruments AFE4490RHAT Datasheet HTML 40Page - Texas Instruments AFE4490RHAT Datasheet HTML 41Page - Texas Instruments AFE4490RHAT Datasheet HTML 42Page - Texas Instruments AFE4490RHAT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
A7
A6
A1
A0
D23
D22
D17
D16
D15
D14
D9
D8
D7
D6
D1
D0
SPISTE
SPISIMO
SCLK
'RQ¶W FDUH, can be high or low.
AFE4490
www.ti.com
SBAS602B – DECEMBER 2012 – REVISED FEBRUARY 2013
SERIAL PROGRAMMING INTERFACE
The SPI-compatible serial interface consists of four signals: SCLK (serial clock), SPISOMI (serial interface data
output), SPISIMO (serial interface data input), and SPISTE (serial interface enable).
The serial clock (SCLK) is the serial peripheral interface (SPI) serial clock. SCLK shifts in commands and shifts
out data from the device. SCLK features a Schmitt-triggered input and clocks data out on SPISOMI. Data are
clocked in on the SPISIMO pin. Even though the input has hysteresis, TI recommends keeping SCLK as clean
as possible to prevent glitches from accidentally shifting the data. When the serial interface is idle, hold SCLK
low.
The SPISOMI (SPI serial out master in) pin is used with SCLK to clock out the AFE4490 data. The SPISIMO
(SPI serial in master out) pin is used with SCLK to clock in data to the AFE4490. The SPISTE (SPI serial
interface enable) pin enables the serial interface to clock data on the SPISIMO pin in to the device.
READING AND WRITING DATA
The device has a set of internal registers that can be accessed by the serial programming interface formed by
the SPISTE, SCLK, SPISIMO, and SPISOMI pins.
Writing Data
When SPISTE is low,
•
Serially shifting bits into the device is enabled.
•
Serial data (on the SPISIMO pin) are latched at every SCLK rising edge.
•
The serial data are loaded into the register at every 32nd SCLK rising edge.
In case the word length exceeds a multiple of 32 bits, the excess bits are ignored. Data can be loaded in
multiples of 32-bit words within a single active SPISTE pulse. The first eight bits form the register address and
the remaining 24 bits form the register data. Figure 51 shows a diagram of the write timing.
Figure 51. AFE SPI Write Timing Diagram
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com