Electronic Components Datasheet Search
  English  ▼

X  

AFE4490RHAT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490RHAT
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490RHAT Datasheet(HTML) 21 Page - Texas Instruments

Back Button AFE4490RHAT Datasheet HTML 17Page - Texas Instruments AFE4490RHAT Datasheet HTML 18Page - Texas Instruments AFE4490RHAT Datasheet HTML 19Page - Texas Instruments AFE4490RHAT Datasheet HTML 20Page - Texas Instruments AFE4490RHAT Datasheet HTML 21Page - Texas Instruments AFE4490RHAT Datasheet HTML 22Page - Texas Instruments AFE4490RHAT Datasheet HTML 23Page - Texas Instruments AFE4490RHAT Datasheet HTML 24Page - Texas Instruments AFE4490RHAT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
8-MHz Crystal
Timer
Module
Diagnostics
Module
ADC
Oscillator
Divide-
by-2
CLKOUT
4 MHz
XIN
XOUT
AFE4490
www.ti.com
SBAS602B – DECEMBER 2012 – REVISED FEBRUARY 2013
CLOCKING AND TIMING SIGNAL GENERATION
The crystal oscillator generates a master clock signal using an external 8-MHz crystal. A divide-by-2 block
converts the 8-MHz clock to 4 MHz, which is used by the AFE to operate the timer modules, ADC, and
diagnostics. The 4-MHz clock is buffered and output from the AFE in order to clock an external microcontroller.
The clocking functionality is shown in Figure 31.
Figure 31. AFE Clocking
TIMER MODULE
See Figure 32 for a timing diagram detailing the various timing edges that are programmable using the timer
module. The rising and falling edge positions of 11 signals can be controlled. The module uses a single 16-bit
counter (running off of the 4-MHz clock) to set the time-base.
All timing signals are set with reference to the pulse repetition period (PRP). Therefore, a dedicated compare
register compares the 16-bit counter value with the reference value specified in the PRF register. Every time that
the 16-bit counter value is equal to the reference value in the PRF register, the counter is reset to '0'.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com