Electronic Components Datasheet Search
  English  ▼

X  

DRV595DAPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DRV595DAPR
Description  15V/짹3A High-Efficiency PWM Power Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV595DAPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV595DAPR Datasheet HTML 9Page - Texas Instruments DRV595DAPR Datasheet HTML 10Page - Texas Instruments DRV595DAPR Datasheet HTML 11Page - Texas Instruments DRV595DAPR Datasheet HTML 12Page - Texas Instruments DRV595DAPR Datasheet HTML 13Page - Texas Instruments DRV595DAPR Datasheet HTML 14Page - Texas Instruments DRV595DAPR Datasheet HTML 15Page - Texas Instruments DRV595DAPR Datasheet HTML 16Page - Texas Instruments DRV595DAPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DRV595
www.ti.com
SLOS808 – DECEMBER 2012
INPUT IMPEDANCE
The DRV595 input stage is a fully differential input stage and the input impedance changes with the gain setting
from 9 k
Ω at 36 dB gain to 60 kΩ at 20 dB gain. Table 1 lists the values from min to max gain. The tolerance of
the input resistor value is ±20% so the minimum value will be higher than 7.2 k
Ω.
Table 2. Recommended Input AC-Coupling Capacitors
GAIN
INPUT IMPEDANCE
20 dB
60 k
Ω
26 dB
30 k
Ω
32 dB
15 k
Ω
36 dB
9 k
Ω
START-UP/SHUTDOWN OPERATION
The DRV595 employs a shutdown mode of operation designed to reduce supply current (Icc) to the absolute
minimum level during periods of non use for power conservation. The SDZ input terminal should be held high
(see specification table for trip point) during normal operation when the amplifier is in use. Pulling SDZ low will
put the outputs to Hi-Z and the amplifier to enter a low-current state. It is not recommended to leave SDZ
unconnected, because amplifier operation would be unpredictable.
GVDD SUPPLY
The GVDD Supply is used to power the gates of the output full bridge transistors. It can also be used to supply
the GAIN/SLV voltage divider. Decouple GVDD with a X5R ceramic 1 µF capacitor to GND. The GVDD supply is
not intended to be used as an external supply. It is recommended to limit the current consumption by using
resistor voltage dividers for GAIN/SLV of 100 k
Ω or more.
BSP AND BSN CAPACITORS
The full H-bridge output stages use only NMOS transistors. Therefore, they require bootstrap capacitors for the
high side of each output to turn on correctly. A 220 nF ceramic capacitor of quality X5R or better, rated for at
least 16 V, must be connected from each output to its corresponding bootstrap input. (See the application circuit
diagram in Figure 13.) The bootstrap capacitors connected between the BSx pins and corresponding output pins
function as a floating power supply for the high-side N-channel power MOSFET gate drive circuitry. During each
high-side switching cycle, the bootstrap capacitors hold the gate-to-source voltage high enough to keep the high-
side MOSFETs turned on.
DIFFERENTIAL OR SINGLE-ENDED INPUTS
The differential input stage of the amplifier cancels any noise that appears on both input lines of the channel. To
use the DRV595 with a differential source, connect the positive lead of the signal source to the IN+ input and the
negative lead of the signal source to the IN– input. To use the DRV595 with a single-ended source, use a
voltage divider to bias IN- to 3.0V, and apply the single-ended signal to IN+.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DRV595



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com