Electronic Components Datasheet Search
  English  ▼

X  

INA282 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA282
Description  High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA282 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA282 Datasheet HTML 7Page - Texas Instruments INA282 Datasheet HTML 8Page - Texas Instruments INA282 Datasheet HTML 9Page - Texas Instruments INA282 Datasheet HTML 10Page - Texas Instruments INA282 Datasheet HTML 11Page - Texas Instruments INA282 Datasheet HTML 12Page - Texas Instruments INA282 Datasheet HTML 13Page - Texas Instruments INA282 Datasheet HTML 14Page - Texas Instruments INA282 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
400
350
300
250
200
150
100
50
0
0
0.5
1.0
1.5
2.0
2.5
I
,Sinking(mA)
OUT
+25 C
°
+125 C
°
+85 C
°
-40 C
°
2.7VSwing
5VSwing
18VSwing
INA282, INA283
INA284, INA285
INA286
www.ti.com
SBOS485B – NOVEMBER 2009 – REVISED SEPTEMBER 2012
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, V+ = 5V, V+IN = 12V, VREF1 = VREF2 = 2.048V referenced to GND, and VSENSE = V+IN – V–IN, unless otherwise
noted.
INA283 SWING TO GROUND vs OUTPUT CURRENT
Figure 31.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: INA282 INA283 INA284 INA285 INA286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com