Electronic Components Datasheet Search
  English  ▼

X  

INA282 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # INA282
Description  High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA282 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA282 Datasheet HTML 15Page - Texas Instruments INA282 Datasheet HTML 16Page - Texas Instruments INA282 Datasheet HTML 17Page - Texas Instruments INA282 Datasheet HTML 18Page - Texas Instruments INA282 Datasheet HTML 19Page - Texas Instruments INA282 Datasheet HTML 20Page - Texas Instruments INA282 Datasheet HTML 21Page - Texas Instruments INA282 Datasheet HTML 22Page - Texas Instruments INA282 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
33.3kW
33.3kW
Æ
1
Æ
2
Æ
2
Æ
1
Æ
2
Æ
2
Zer
-
Drift
Æ
OUT
REF2
REF1
GND
V+
V+
Output
REF02
5V
Reference
PRODUCT
GAIN
50V/V
100V/V
INA286
200V/V
INA283
500V/V
INA284
1000V/V
INA285
INA282
Supply
14V to +80V
-
Load
+IN
-
IN
Æ
1
Æ
1
INA282, INA283
INA284, INA285
INA286
www.ti.com
SBOS485B – NOVEMBER 2009 – REVISED SEPTEMBER 2012
Splitting an External Reference
In this case, an external reference is divided by 2 with an accuracy of approximately 0.5% by connecting one
REF pin to ground and the other REF pin to the reference (as Figure 38 illustrates).
Figure 38. Split Reference Output
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: INA282 INA283 INA284 INA285 INA286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com