Electronic Components Datasheet Search
  English  ▼

X  

LM8335TLX Datasheet(PDF) 5 Page - Texas Instruments

Part # LM8335TLX
Description  LM8335 General Purpose Output Expander with MIPI짰 RFFE Host Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM8335TLX Datasheet(HTML) 5 Page - Texas Instruments

  LM8335TLX Datasheet HTML 1Page - Texas Instruments LM8335TLX Datasheet HTML 2Page - Texas Instruments LM8335TLX Datasheet HTML 3Page - Texas Instruments LM8335TLX Datasheet HTML 4Page - Texas Instruments LM8335TLX Datasheet HTML 5Page - Texas Instruments LM8335TLX Datasheet HTML 6Page - Texas Instruments LM8335TLX Datasheet HTML 7Page - Texas Instruments LM8335TLX Datasheet HTML 8Page - Texas Instruments LM8335TLX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LM8335
www.ti.com
SNVS840 – JUNE 2012
ADR INPUT PIN
The state of the ADR pin determines the MIPI RFFE USID as described in the table above. This enables two
devices to be used on the same RFFE bus thereby doubling the number of GPOs available in the system (see
Dual RFFE Slave Application Block Diagram).
DEFAULT GPO_x PIN CONFIGURATION
Upon power-on all GPOs will default based on the state of the CFG pin.
CFG INPUT PIN = GND
The CFG0 mode is an automatic initialization mode. It allows the host to not have to first configure any registers
before writing the GPO_OUT_DATA register to set the GPOs high or low. In this mode, the GPOs will default as
high-z with weak pull-down resistors enabled and the GPO_OUT_DATA will be unmasked. When the host writes
the GPO_OUT_DATA register, the weak pull-down resistor will be disabled. The output driver will immediately be
enabled and will drive high or low based on the value written to the GPO_OUT_DATA register. In configuration
mode CFG0 the GPO data mask function is available but the GPO pull resistor, and high-z functions cannot be
changed. Writing to the GPO_PULL_DIR, GPO_PULL_ENABLE, and GPO_OUT_HIGH_CFG registers will have
no effect. If control of the GPO pull resistor or output configuration is required then the CFG1 mode must be
used.
CFG INPUT PIN = VDD
The CFG1 mode is a more general purpose mode where the outputs must be configured during initialization prior
to use. In this mode, the GPOs will default as high-z with internal pull-down resistors enabled and
GPO_OUT_DATA will be masked. During initialization, the host must first write to the GPO_OUT_DATA register
(Note: this will transition all of the GPOs from high-z with internal pull-down to Full-Buffer driven low with internal
pull-down regardless of the value written to the GPO_OUT_DATA register). The host must then write to the
GPO_PULL_DIR, GPO_PULL_ENABLE, & GPO_OUT_HIGH_CFG registers to configure each GPO into the
desired output configuration. Once that is complete, the host then writes the GPO_DATA_MASK and
GPO_OUT_DATA registers to set the GPO outputs in the desired state. Refer to Figure 8.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
RFFE Supply Voltage (VIO)
−0.3V to 2.2V
Core Supply Voltage (VDD)
−0.3V to 2.2V
GPO Supply Voltage (VDDIO)
−0.3V to 4.0V
DC Input Voltage for SCLK & SDATA pins
−0.3V to (VIO+0.3V)
DC Input Voltage for ADR & CFG pins
−0.3V to (VDD+0.3V)
DC Output Voltage for GPO pins
−0.3V to (VDDIO+0.3V)
Storage Temperature Range
−40°C to +125° C
Operating Ambient Temperature (TA)
−0°C to +85°C
Lead Temperature (TL)
260°C
(Soldering, 10 sec.)
ESD Rating
(CZAP=120 pF, RZAP=1500
Ω)
Human Body Model (3)
1000V
Charge Device Model:
250V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not specified. For specifications and test conditions, see the
Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM8335



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com