Electronic Components Datasheet Search
  English  ▼

X  

LM8335TLX Datasheet(PDF) 10 Page - Texas Instruments

Part # LM8335TLX
Description  LM8335 General Purpose Output Expander with MIPI짰 RFFE Host Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM8335TLX Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM8335TLX Datasheet HTML 6Page - Texas Instruments LM8335TLX Datasheet HTML 7Page - Texas Instruments LM8335TLX Datasheet HTML 8Page - Texas Instruments LM8335TLX Datasheet HTML 9Page - Texas Instruments LM8335TLX Datasheet HTML 10Page - Texas Instruments LM8335TLX Datasheet HTML 11Page - Texas Instruments LM8335TLX Datasheet HTML 12Page - Texas Instruments LM8335TLX Datasheet HTML 13Page - Texas Instruments LM8335TLX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
tREADY Max
VDD or
VDDIO
POR
(Internal)
tRAMP
tPORC Min
tPORC Max
VIO
VVIO-RST
LM8335
SNVS840 – JUNE 2012
www.ti.com
Figure 7. Internal VDD or VDDIO POR Timing
Register Information
Table 1. Register Listing
Register Name
Addr
Bit
Default
Description
Software reset register
CNTL_REG
0x00
7:0
0x00
Bit 0 = 0, no effect
Bit 0 = 1, reset registers to default values (self-clearing)
GPO pin pull resistor direction
0 = pull-down
1 = pull-up
GPO_PULL_DIR
0x01
7:0
0x00
Note: When CFG = GND, writing to this register has no effect.
The pull-down resistor will be disabled after the first write to
the GPO_OUT_DATA register.
GPO pin internal pull resistor enable
0 = disabled
1 = enabled
GPO_PULL_ENABLE
0x02
0xFF
0xFF
Note: GPO_PULL_DIR register selects if the resistor is a pull-
up or a pull-down. When CFG = GND, writing to this register
has no effect. The pull-down resistor will be disabled after the
first write to the GPO_OUT_DATA register.
GPO output high state (full buffer or high-z).
0 = full buffer
1 = high-z (open-drain behavior)
GPO_OUT_HIGH_CFG
0x03
7:0
0xFF
Note: When CFG = GND, writing to this register has no effect.
The pull-down resistor will be disabled, and all GPO outputs
will be in the actively driven state (not high-z) after the first
write to the GPO_OUT_DATA register.
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LM8335



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com