Electronic Components Datasheet Search
  English  ▼

X  

ISO7641FCDW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7641FCDW
Description  Low Power Triple and Quad Channels Digital Isolators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7641FCDW Datasheet(HTML) 1 Page - Texas Instruments

  ISO7641FCDW Datasheet HTML 1Page - Texas Instruments ISO7641FCDW Datasheet HTML 2Page - Texas Instruments ISO7641FCDW Datasheet HTML 3Page - Texas Instruments ISO7641FCDW Datasheet HTML 4Page - Texas Instruments ISO7641FCDW Datasheet HTML 5Page - Texas Instruments ISO7641FCDW Datasheet HTML 6Page - Texas Instruments ISO7641FCDW Datasheet HTML 7Page - Texas Instruments ISO7641FCDW Datasheet HTML 8Page - Texas Instruments ISO7641FCDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
2
3
4
5
6
7
8
ISO7640
9
10
11
12
13
14
15
16
NC
INA
GND1
GND2
GND2
INB
INC
OUTA
OUTC
OUTB
EN
IND
OUTD
V
CC1
GND1
V
CC2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
INA
GND2
GND2
INB
OUTC
OUTA
INC
OUTB
NC
EN2
EN1
GND1
GND1
V
CC1
NC
V
CC2
ISO7631
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
INA
GND2
GND2
INB
INC
OUTA
OUTC
OUTB
IND
EN2
EN1
GND1
GND1
V
CC1
OUTD
V
CC2
ISO7641
ISO7631FM, ISO7631FC
ISO7640FC, ISO7641FC
www.ti.com
SLLSEC3A – SEPTEMBER 2012 – REVISED SEPTEMBER 2012
Low Power Triple and Quad Channels Digital Isolators
Check for Samples: ISO7631FM, ISO7631FC, ISO7640FC, ISO7641FC
1
FEATURES
APPLICATIONS
•
Signaling Rate: 150 Mbps (M-Grade), 25 Mbps
•
Optocoupler Replacement in:
(C-Grade)
–
Industrial Fieldbus
•
Robust Design with Integrated Noise Filter
–
Profibus
(C-Grade)
–
Modbus
•
Low Power Consumption, Typical ICC per
–
DeviceNetTM Data Buses
Channel (3.3V Supplies):
–
Servo Control Interface
–
ISO7631FM: 2 mA at 10 Mbps
–
Motor Control
–
ISO7631FC: 1.5 mA at 10 Mbps
–
Power Supplies
–
ISO7640FC: 1.1 mA at 10 Mbps
–
Battery Packs
–
ISO7641FC: 1.3 mA at 10 Mbps
•
Extremely low ICC_disable(C-Grade)
SAFETY AND REGULATORY
•
Low Propagation Delay: 7 ns Typical (M-
APPROVALS
Grade)
•
2500 VRMS for 1 Minute per UL 1577 (approved)
•
Output Defaults to Low-state in Fail-safe Mode
•
4000 VPK VDE Rating for DIN EN 60747-5-2
•
Wide Temperature Range: –40°C to 125°C
(VDE 0884 Rev. 2), 1414 VPK Working Voltage
(approved)
•
50 KV/µs Transient Immunity, Typical
•
CSA Component Acceptance Notice
•
Long Life with SiO2 Isolation barrier
5A(approved)
•
Operates From 2.7V (M-Grade), 3.3 V and 5 V
Supply and Logic Levels
•
Wide Body SOIC-16 Package
DESCRIPTION
ISO7631F, ISO7640F and ISO7641F provide galvanic isolation up to 4 KVPK per VDE. ISO7631F has 3 channels
with two forward and one reverse direction channels. ISO7640F and ISO7641F are quad channel isolators;
ISO7640F has four forward and ISO7641F has three forward and one reverse direction channels. Suffix F
indicates that output defaults to Low-state in fail-safe conditions (see Table 1). M-Grade devices are high speed
isolators capable of 150 Mbps data rate with fast propagation delays whereas C-Grade devices can run up to 25
Mbps data rate with low power consumption and integrated filters for noise-prone applications. C-Grade devices
are recommended for lower speed applications where input noise pulses of less than 6 ns duration need to be
suppressed or lower power consumption is critical.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ISO7641FCDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7641FCDW TI1-ISO7641FCDW Datasheet
1Mb / 35P
Low-Power Triple and Quad-Channels Digital Isolators
ISO7641FCDW TI2-ISO7641FCDW Datasheet
796Kb / 37P
ISO76x1 Low-Power Triple and Quad-Channels Digital Isolators
REVISED APRIL 2016
ISO7641FCDW.A TI2-ISO7641FCDW.A Datasheet
796Kb / 37P
ISO76x1 Low-Power Triple and Quad-Channels Digital Isolators
REVISED APRIL 2016
ISO7641FCDW.B TI2-ISO7641FCDW.B Datasheet
796Kb / 37P
ISO76x1 Low-Power Triple and Quad-Channels Digital Isolators
REVISED APRIL 2016
ISO7641FCDWR TI1-ISO7641FCDWR Datasheet
1Mb / 35P
Low-Power Triple and Quad-Channels Digital Isolators
More results

Similar Description - ISO7641FCDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7640FM TI1-ISO7640FM Datasheet
956Kb / 29P
Low Power Quad Channels Digital Isolators
ISO7131CC TI1-ISO7131CC Datasheet
546Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7140FCC TI1-ISO7140FCC Datasheet
488Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7131CCDBQ TI1-ISO7131CCDBQ Datasheet
415Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7140CCDBQ TI-ISO7140CCDBQ Datasheet
415Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7141FCCDBQR TI-ISO7141FCCDBQR Datasheet
415Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
logo
Silicon Laboratories
SI8630 SILABS-SI8630 Datasheet
750Kb / 36P
Low-Power Triple-Channel Digital Isolators
SI8640BA-B-IU SILABS-SI8640BA-B-IU Datasheet
804Kb / 42P
Low-Power Quad-Channel Digital Isolators
logo
Texas Instruments
ISO7631FM TI1-ISO7631FM_15 Datasheet
1Mb / 35P
Low-Power Triple and Quad-Channels Digital Isolators
logo
Skyworks Solutions Inc.
SI8630 SKYWORKS-SI8630 Datasheet
1,017Kb / 38P
Low-Power Triple-Channel Digital Isolators
Revision 1.82 March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com