Electronic Components Datasheet Search
  English  ▼

X  

ISO7641FCDW Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7641FCDW
Description  Low Power Triple and Quad Channels Digital Isolators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7641FCDW Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO7641FCDW Datasheet HTML 8Page - Texas Instruments ISO7641FCDW Datasheet HTML 9Page - Texas Instruments ISO7641FCDW Datasheet HTML 10Page - Texas Instruments ISO7641FCDW Datasheet HTML 11Page - Texas Instruments ISO7641FCDW Datasheet HTML 12Page - Texas Instruments ISO7641FCDW Datasheet HTML 13Page - Texas Instruments ISO7641FCDW Datasheet HTML 14Page - Texas Instruments ISO7641FCDW Datasheet HTML 15Page - Texas Instruments ISO7641FCDW Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
ISO7631FM, ISO7631FC
ISO7640FC, ISO7641FC
SLLSEC3A – SEPTEMBER 2012 – REVISED SEPTEMBER 2012
www.ti.com
SUPPLY CURRENT
VCC1 and VCC2 at 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
ISO7631F
M-Grade
C-Grade
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
ICC1
1.8
2.8
0.6
1.1
Disable
EN1 = EN2 = 0 V
ICC2
2.7
3.7
0.7
1.3
ICC1
1.9
2.9
1.2
1.8
DC to 1 Mbps
ICC2
2.8
3.8
1.8
2.6
ICC1
2.4
3.4
1.8
2.6
10 Mbps
mA
DC Signal: VI = VCC or 0 V
ICC2
3.5
4.6
2.6
3.5
AC Signal: All channels switching with square wave clock
ICC1
3.2
4.2
2.7
3.6
input; CL = 15 pF
25 Mbps
ICC2
4.7
5.9
3.8
5
ICC1
9.3
12.5
150 Mbps
Not Applicable
ICC2
14.6
19
ISO7640F
C-Grade
ICC1
0.35
0.7
Disable
EN = 0 V
ICC2
0.6
1.1
ICC1
0.4
0.8
DC to 1 Mbps
ICC2
2.1
3.2
mA
DC Signal: VI = VCC or 0 V,
ICC1
0.7
1.2
10 Mbps
AC Signal: All channels switching with square wave clock
ICC2
3.6
4.7
input; CL = 15 pF
ICC1
1.5
2.2
25 Mbps
ICC2
5.7
9
ISO7641F
C-Grade
ICC1
0.7
1.1
Disable
EN1 = EN2 = 0 V
ICC2
0.8
1.3
ICC1
1.2
1.9
DC to 1 Mbps
ICC2
2
2.9
mA
ICC1
2
2.8
DC Signal: VI = VCC or 0 V,
10 Mbps
AC Signal: All channels switching with square wave clock input; CL = 15 pF
ICC2
3.2
4.1
ICC1
3.1
4
25 Mbps
ICC2
5.1
7
12
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ISO7631FM ISO7631FC ISO7640FC ISO7641FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com