Electronic Components Datasheet Search
  English  ▼

X  

OPA313 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA313
Description  1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA313 Datasheet(HTML) 5 Page - Texas Instruments

  OPA313 Datasheet HTML 1Page - Texas Instruments OPA313 Datasheet HTML 2Page - Texas Instruments OPA313 Datasheet HTML 3Page - Texas Instruments OPA313 Datasheet HTML 4Page - Texas Instruments OPA313 Datasheet HTML 5Page - Texas Instruments OPA313 Datasheet HTML 6Page - Texas Instruments OPA313 Datasheet HTML 7Page - Texas Instruments OPA313 Datasheet HTML 8Page - Texas Instruments OPA313 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
OPA313
OPA2313
OPA4313
www.ti.com
SBOS649C – SEPTEMBER 2012 – REVISED MARCH 2013
ELECTRICAL CHARACTERISTICS: +1.8 V
(1)
At TA = +25 °C, RL = 10 kΩ connected to VS / 2, VCM = VS+ – 1.3 V, and VOUT = VS / 2, unless otherwise noted.
OPA313, OPA2313, OPA4313
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
0.5
2.5
mV
dVOS/dT
vs Temperature
TA = –40°C to +125°C
2
μV/°C
PSRR
vs power supply
TA = –40°C to +125°C
74
90
dB
Channel separation, dc
At dc
10
µV/V
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
No phase reversal, rail-to-rail input
(V–) – 0.2
(V+) + 0.2
V
TA = –40°C to +125°C,
70
85
dB
(VS–) – 0.2 V < VCM < (VS+) – 1.3 V
CMRR
Common-mode rejection ratio
VS = 1.8 V, VCM = –0.2 V to +1.8 V
58
73
TA = –40°C to +125°C, VCM = –0.2 V to 1.6 V
58
70
dB
INPUT BIAS CURRENT
±0.2
±10
pA
IB
Input bias current
TA = –40°C to +85°C
(2)
±50
pA
TA = –40°C to +125°C
(2)
±600
pA
±0.2
±10
pA
IOS
Input offset current
TA = –40°C to +85°C
(2)
±50
pA
TA = –40°C to +125°C
(2)
±600
pA
NOISE
Input voltage noise (peak-to-
f = 0.1 Hz to 10 Hz
6
μVPP
peak)
f = 10 kHz
22
nV/
√Hz
en
Input voltage noise density
f = 1 kHz
25
nV/
√Hz
in
Input current noise density
f = 1 kHz
5
fA/
√Hz
INPUT CAPACITANCE
Differential
1
pF
CIN
Common-mode
5
pF
OPEN-LOOP GAIN
TA = –40°C to +125°C, 0.1 V < VO < (V+) – 0.1 V
90
110
dB
AOL
Open-loop voltage gain
0.05 V < VO < (V+) – 0.05 V, RL = 100 kΩ
100
110
dB
(1)
Parameters with minimum or maximum specification limits are 100% production tested at +25ºC, unless otherwise noted. Over
temperature limits are based on characterization and statistical analysis.
(2)
Specified by design and characterization; not production tested.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: OPA313 OPA2313 OPA4313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com