Electronic Components Datasheet Search
  English  ▼

X  

OPA313 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA313
Description  1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA313 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA313 Datasheet HTML 16Page - Texas Instruments OPA313 Datasheet HTML 17Page - Texas Instruments OPA313 Datasheet HTML 18Page - Texas Instruments OPA313 Datasheet HTML 19Page - Texas Instruments OPA313 Datasheet HTML 20Page - Texas Instruments OPA313 Datasheet HTML 21Page - Texas Instruments OPA313 Datasheet HTML 22Page - Texas Instruments OPA313 Datasheet HTML 23Page - Texas Instruments OPA313 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
OPA313
OPA2313
OPA4313
SBOS649C – SEPTEMBER 2012 – REVISED MARCH 2013
www.ti.com
REVISION HISTORY
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (December 2012) to Revision C
Page
•
Changed first Open-Loop Gain, AOL typical specification in Electrical Characteristics: +5.5 V table ................................... 3
•
Updated Figure 10 .............................................................................................................................................................. 11
•
Updated Figure 19 through Figure 22 ................................................................................................................................ 12
Changes from Revision A (Sepetmber 2012) to Revision B
Page
•
Changed title of document .................................................................................................................................................... 1
•
Changed third paragraph of Description section .................................................................................................................. 1
•
Changed title of Electrical Characteristics: +5.5 V table ....................................................................................................... 3
•
Deleted middle two rows from Input Voltage Range, CMRR parameter in Electrical Characteristics: +5.5 V table ............ 3
•
Changed test conditions of Input Voltage Range, CMRR parameter in Electrical Characteristics: +5.5 V table ................. 3
•
Added footnote to Input Bias Current, IB and IOS parameters in Electrical Characteristics: +5.5 V table ............................. 3
•
Changed Open-Loop Gain, AOL parameter in Electrical Characteristics: +5.5 V table ......................................................... 3
•
Deleted first row from Frequency Response, GBW parameter in Electrical Characteristics: +5.5 V table .......................... 4
•
Deleted first row from Frequency Response, SR parameter in Electrical Characteristics: +5.5 V table .............................. 4
•
Changed Output, VO parameter in Electrical Characteristics: +5.5 V table .......................................................................... 4
•
Changed Output, ISC parameter in Electrical Characteristics: +5.5 V table .......................................................................... 4
•
Changed test conditions for the first row in the Power Supply, IQ parameter in Electrical Characteristics: +5.5 V table ..... 4
•
Changed Electrical Characteristics: +1.8 V table ................................................................................................................. 5
•
Changed conditions of Electrical Characteristics: +1.8 V table ............................................................................................ 5
•
Changed last row of Input Voltage Range, CMRR parameter in Electrical Characteristics: +1.8 V table ........................... 5
•
Changed footnote to Input Bias Current, IB and IOS parameters in Electrical Characteristics: +1.8 V table ......................... 5
•
Changed Open-Loop Gain, AOL parameter in Electrical Characteristics: +1.8 V table ......................................................... 5
•
Changed Frequency Response, GBW parameter test conditions in Electrical Characteristics: +1.8 V table ...................... 6
•
Changed Frequency Response, SR parameter test conditions in Electrical Characteristics: +1.8 V table ......................... 6
•
Changed Output, VO parameter test conditions in Electrical Characteristics: +1.8 V table .................................................. 6
•
Changed Output, ISC parameter in Electrical Characteristics: +1.8 V table .......................................................................... 6
•
Deleted last row from Power Supply, IQ parameter in Electrical Characteristics: +1.8 V table ............................................ 6
•
Updated Figure 2 ................................................................................................................................................................ 10
Changes from Original (September 2012) to Revision A
Page
•
Changed from product preview to production data ............................................................................................................... 1
20
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: OPA313 OPA2313 OPA4313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com