Electronic Components Datasheet Search
  English  ▼

X  

CSD17552Q3A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CSD17552Q3A
Description  30V, N-Channel NexFET Power MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD17552Q3A Datasheet(HTML) 2 Page - Texas Instruments

  CSD17552Q3A Datasheet HTML 1Page - Texas Instruments CSD17552Q3A Datasheet HTML 2Page - Texas Instruments CSD17552Q3A Datasheet HTML 3Page - Texas Instruments CSD17552Q3A Datasheet HTML 4Page - Texas Instruments CSD17552Q3A Datasheet HTML 5Page - Texas Instruments CSD17552Q3A Datasheet HTML 6Page - Texas Instruments CSD17552Q3A Datasheet HTML 7Page - Texas Instruments CSD17552Q3A Datasheet HTML 8Page - Texas Instruments CSD17552Q3A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CSD17552Q3A
SLPS387 – SEPTEMBER 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain to Source Voltage
VGS = 0V, ID = 250μA
30
V
IDSS
Drain to Source Leakage Current
VGS = 0V, VDS = 24V
1
μA
IGSS
Gate to Source Leakage Current
VDS = 0V, VGS = 20V
100
nA
VGS(th)
Gate to Source Threshold Voltage
VDS = VGS, ID = 250μA
1.1
1.5
1.9
V
VGS = 4.5V, ID = 11A
6.5
8.1
m
Ω
RDS(on)
Drain to Source On Resistance
VGS = 10V, ID = 11A
5.5
6.0
m
Ω
gfs
Transconductance
VDS = 15V, ID = 11A
106
S
Dynamic Characteristics
Ciss
Input Capacitance
1580
2050
pF
Coss
Output Capacitance
VGS = 0V, VDS = 15V, f = 1MHz
385
500
pF
Crss
Reverse Transfer Capacitance
28
36
pF
RG
Series Gate Resistance
.9
1.8
Ω
Qg
Gate Charge Total (4.5V)
9
12
nC
Qgd
Gate Charge Gate to Drain
2.3
nC
VDS = 15V, ID = 11A
Qgs
Gate Charge Gate to Source
3.6
nC
Qg(th)
Gate Charge at Vth
1.8
nC
Qoss
Output Charge
VDS = 15V, VGS = 0V
11
nC
td(on)
Turn On Delay Time
7.2
ns
tr
Rise Time
7.4
ns
VDS = 15V, VGS = 4.5V,
IDS = 11A, RG = 2Ω
td(off)
Turn Off Delay Time
11.0
ns
tf
Fall Time
3.4
ns
Diode Characteristics
VSD
Diode Forward Voltage
ISD = 11A, VGS = 0V
0.8
1
V
Qrr
Reverse Recovery Charge
17
nC
VDS= 13.5V, IF = 11A,
di/dt = 300A/
μs
trr
Reverse Recovery Time
15
ns
THERMAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Thermal Resistance Junction to Case(1)
2.3
°C/W
RθJA
Thermal Resistance Junction to Ambient(1)(2)
60
°C/W
(1)
RθJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu pad on a 1.5-inch × 1.5-inch (3.81-cm ×
3.81-cm), 0.06-inch (1.52-mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: CSD17552Q3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com