Electronic Components Datasheet Search
  English  ▼

X  

CSD17552Q3A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD17552Q3A
Description  30V, N-Channel NexFET Power MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD17552Q3A Datasheet(HTML) 3 Page - Texas Instruments

  CSD17552Q3A Datasheet HTML 1Page - Texas Instruments CSD17552Q3A Datasheet HTML 2Page - Texas Instruments CSD17552Q3A Datasheet HTML 3Page - Texas Instruments CSD17552Q3A Datasheet HTML 4Page - Texas Instruments CSD17552Q3A Datasheet HTML 5Page - Texas Instruments CSD17552Q3A Datasheet HTML 6Page - Texas Instruments CSD17552Q3A Datasheet HTML 7Page - Texas Instruments CSD17552Q3A Datasheet HTML 8Page - Texas Instruments CSD17552Q3A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
GATE
Source
DRAIN
M0161-01
GATE
Source
DRAIN
M0161-02
CSD17552Q3A
www.ti.com
SLPS387 – SEPTEMBER 2012
Max RθJA = 60°C/W
Max RθJA = 146°C/W
when mounted on
when mounted on a
1 inch2 (6.45 cm2) of 2-
minimum pad area of
oz. (0.071-mm thick)
2-oz. (0.071-mm thick)
Cu.
Cu.
TYPICAL MOSFET CHARACTERISTICS
(TA = 25°C unless otherwise stated)
Figure 2. Transient Thermal Impedance
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD17552Q3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com