Electronic Components Datasheet Search
  English  ▼

X  

LM60 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM60
Description  2.7V, SOT-23 or TO-92 Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM60 Datasheet HTML 3Page - Texas Instruments LM60 Datasheet HTML 4Page - Texas Instruments LM60 Datasheet HTML 5Page - Texas Instruments LM60 Datasheet HTML 6Page - Texas Instruments LM60 Datasheet HTML 7Page - Texas Instruments LM60 Datasheet HTML 8Page - Texas Instruments LM60 Datasheet HTML 9Page - Texas Instruments LM60 Datasheet HTML 10Page - Texas Instruments LM60 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SVA-1268117
SVA-1268116
LM60/LM60-Q1
SVA-1268115
LM60/LM60-Q1
LM60/LM60-Q1
www.ti.com
SNIS119D – MAY 2004 – REVISED NOVEMBER 2012
Table 1. Temperature Rise of LM60/LM60-Q1 Due to Self-Heating and Thermal Resistance (
θJA)
SOT-23(1)
SOT-23(2)
TO-92(1)
TO-92(3)
no heat sink
small heat fin
no heat fin
small heat fin
θJA
TJ − TA
θJA
TJ − TA
θJA
TJ − TA
θJA
TJ − TA
(°C/W)
(°C)
(°C/W)
(°C)
Still air
450
0.17
260
0.1
180
0.07
140
0.05
Moving air
180
0.07
90
0.034
70
0.026
(1)
Part soldered to 30 gauge wire.
(2)
Heat sink used is 1/2" square printed circuit board with 2 oz. foil with part attached as shown in Figure 13.
(3)
Part glued or leads soldered to 1” square of 1/16” printed circuit board with 2 oz. foil or similar.
Capacitive Loads
The LM60/LM60-Q1 handles capacitive loading well. Without any special precautions, the LM60/LM60-Q1 can
drive any capacitive load as shown in Figure 14. Over the specified temperature range the LM60/LM60-Q1 has a
maximum output impedance of 800
Ω. In an extremely noisy environment it may be necessary to add some
filtering to minimize noise pickup. It is recommended that 0.1
μF be added from +V S to GND to bypass the
power supply voltage, as shown in Figure 15. In a noisy environment it may be necessary to add a capacitor
from the output to ground. A 1
μF output capacitor with the 800Ω output impedance will form a 199 Hz lowpass
filter. Since the thermal time constant of the LM60/LM60-Q1 is much slower than the 6.3 ms time constant
formed by the RC, the overall response time of the LM60/LM60-Q1 will not be significantly affected. For much
larger capacitors this additional time lag will increase the overall response time of the LM60/LM60-Q1.
Figure 14. LM60/LM60-Q1 No Decoupling Required
Figure 15. LM60/LM60-Q1 with Filter for Noisy
for Capacitive Load
Environment
Figure 16. Simplified Schematic
Copyright © 2004–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM60/LM60-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com