Electronic Components Datasheet Search
  English  ▼

X  

LM60 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM60
Description  2.7V, SOT-23 or TO-92 Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60 Datasheet(HTML) 3 Page - Texas Instruments

  LM60 Datasheet HTML 1Page - Texas Instruments LM60 Datasheet HTML 2Page - Texas Instruments LM60 Datasheet HTML 3Page - Texas Instruments LM60 Datasheet HTML 4Page - Texas Instruments LM60 Datasheet HTML 5Page - Texas Instruments LM60 Datasheet HTML 6Page - Texas Instruments LM60 Datasheet HTML 7Page - Texas Instruments LM60 Datasheet HTML 8Page - Texas Instruments LM60 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LM60/LM60-Q1
www.ti.com
SNIS119D – MAY 2004 – REVISED NOVEMBER 2012
ELECTRICAL CHARACTERISTICS
Unless otherwise noted, these specifications apply for +VS = +3.0 VDC and ILOAD = 1 μA. Boldface limits apply for TA = TJ =
TMIN to TMAX; all other limits TA = TJ = 25°C.
LM60B
LM60C/LM60-Q1
PARAMETER
CONDITIONS
TYPICAL(1)
UNITS (Limit)
Limits(2)
Limits(2)
±2.0
±3.0
°C (max)
Accuracy(3)
±3.0
±4.0
°C (max)
Output Voltage at 0°C
+424
mV
Nonlinearity(4)
±0.6
±0.8
°C (max)
+6.25
6.06
6
mV/°C (min)
Sensor Gain (Average Slope)
6.44
6.5
mV/°C (max)
Output Impedance
800
800
Ω (max)
+3.0 V
≤ +VS ≤ +10 V
±0.3
±0.3
mV/V (max)
Line Regulation(5)
+2.7 V
≤ +VS ≤ +3.3 V
±2.3
±2.3
mV (max)
+2.7 V
≤ +VS ≤ +10 V
82
110
110
μA (max)
Quiescent Current
125
125
μA (max)
Change of Quiescent Current
+2.7 V
≤ +VS ≤ +10 V
±5.0
μA (max)
Temperature Coefficient of Quiescent Current
0.2
μA/°C
TJ = TMAX = +125°C
Long Term Stability(6)
±0.2
°C
for 1000 hours
(1)
Typicals are at TJ = TA = 25°C and represent most likely parametric norm.
(2)
Limits are specified to National's AOQL (Average Outgoing Quality Level).
(3)
Accuracy is defined as the error between the output voltage and +6.25 mV/°C times the device's case temperature plus 424 mV, at
specified conditions of voltage, current, and temperature (expressed in °C).
(4)
Nonlinearity is defined as the deviation of the output-voltage-versus-temperature curve from the best-fit straight line, over the device's
rated temperature range.
(5)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output due to heating
effects can be computed by multiplying the internal dissipation by the thermal resistance.
(6)
For best long-term stability, any precision circuit will give best results if the unit is aged at a warm temperature, and/or temperature
cycled for at least 46 hours before long-term life test begins. This is especially true when a small (Surface-Mount) part is wave-soldered;
allow time for stress relaxation to occur. The majority of the drift will occur in the first 1000 hours at elevated temperatures. The drift after
1000 hours will not continue at the first 1000 hour rate.
Copyright © 2004–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM60/LM60-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com