Electronic Components Datasheet Search
  English  ▼

X  

LM25017 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM25017
Description  48V, 650mA Constant On-Time Synchronous Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25017 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM25017 Datasheet HTML 9Page - Texas Instruments LM25017 Datasheet HTML 10Page - Texas Instruments LM25017 Datasheet HTML 11Page - Texas Instruments LM25017 Datasheet HTML 12Page - Texas Instruments LM25017 Datasheet HTML 13Page - Texas Instruments LM25017 Datasheet HTML 14Page - Texas Instruments LM25017 Datasheet HTML 15Page - Texas Instruments LM25017 Datasheet HTML 16Page - Texas Instruments LM25017 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
RUV2
VIN (UVLO,rising) = 1.225V x
RUV1
+ 1
(
)
VIN(HYS) = IHYS x RUV2
IOUT(MAX)
CIN
8 x gSW x ûVIN
>
25 mV
RC
ûIL(MIN)
VOUT
VREF
x
>
LM25017
www.ti.com
SNVS951 – DECEMBER 2012
where
ΔVripple is the voltage ripple across the capacitor. Substituting ΔVripple = 10mV gives COUT = 12.64μF. A
22
μF standard value is selected. An X5R or X7R type capacitor with a voltage rating 16V or higher should be
selected.
Series Ripple Resistor RC:
The series resistor should be selected to produce sufficient ripple at the feedback node. The ripple produced by
RC is proportional to the inductor current ripple, and therefore RC should be chosen for minimum inductor current
ripple which occurs at minimum input voltage. The RC is calculated by the equation:
(12)
This gives an RC of greater than or equal to 5.15Ω. Selecting RC = 5.23Ω results in ~1V of maximum output
voltage ripple. For applications requiring lower output voltage ripple, Type II or Type III ripple injection circuits
should be used as described in the section “Ripple Configuration”.
VCC and Bootstrap Capacitor:
The VCC capacitor provides charge to bootstrap capacitor as well as internal circuitry and low side gate driver.
The Bootstrap capacitor provides charge to high side gate driver. A good value for CVCC is 1μF. A good value for
CBST is 0.01μF.
Input Capacitor:
Input capacitor should be large enough to limit the input voltage ripple:
(13)
choosing a
ΔVIN = 0.5V gives a minimum CIN = 1.24μF. A standard value of 2.2μF is selected. The input
capacitor should be rated for the maximum input voltage under all conditions. A 50V, X7R dielectric should be
selected for this design.
Input capacitor should be placed directly across VIN and RTN (pin 2 and 1) of the IC. If it is not possible to place
all of the input capacitor close to the IC, a 0.47
μF capacitor should be placed near the IC to provide a bypass
path for the high frequency component of the switching current. This helps limit the switching noise.
UVLO Resistors:
The UVLO resistors RFB1 and RFB2 set the UVLO threshold and hysteresis according to the following relationship:
(14)
and
(15)
where IHYS = 20μA. Setting UVLO hysteresis of 2.5V and UVLO rising threshold of 12V results in RUV1 = 14.53kΩ
and RUV2 = 125kΩ. Selecting standard value of RUV1 = 14kΩ and RUV2 = 125kΩ results in UVLO thresholds and
hysteresis of 12.4V and 2.5V respectively.
APPLICATION CIRCUIT: 12V TO 48V INPUT AND 10V, 500mA OUTPUT BUCK CONVERTER
The application schematic of a buck supply is shown in Figure 16 below. For output voltage (VOUT) above the
maximum regulation threshold of VCC (8.55V, see electrical characteristics), the VCC pin can be connected to
VOUT through a diode (D2), as shown below, for higher efficiency and lower power dissipation in the IC.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM25017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com