Electronic Components Datasheet Search
  English  ▼

X  

LM25017 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM25017
Description  48V, 650mA Constant On-Time Synchronous Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25017 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM25017 Datasheet HTML 11Page - Texas Instruments LM25017 Datasheet HTML 12Page - Texas Instruments LM25017 Datasheet HTML 13Page - Texas Instruments LM25017 Datasheet HTML 14Page - Texas Instruments LM25017 Datasheet HTML 15Page - Texas Instruments LM25017 Datasheet HTML 16Page - Texas Instruments LM25017 Datasheet HTML 17Page - Texas Instruments LM25017 Datasheet HTML 18Page - Texas Instruments LM25017 Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
UVLO
3
RON
4
RTN
1
VIN
2
8
SW
7
BST
6
VCC
5
FB
PSOP-8
CIN
CVCC
VCC
To FB
RFB1
VOUT
R2
R1
RFB2
C1
D
B
LM25017
SNVS951 – DECEMBER 2012
www.ti.com
Figure 18. Soft-Start Circuit
LAYOUT RECOMMENDATION
A proper layout is essential for optimum performance of the circuit. In particular, the following guidelines should
be observed:
1. CIN: The loop consisting of input capacitor (CIN), VIN pin, and RTN pin carries switching currents. Therefore,
the input capacitor should be placed close to the IC, directly across VIN and RTN pins and the connections to
these two pins should be direct to minimize the loop area. In general it is not possible to accommodate all of
input capacitance near the IC. A good practice is to use a 0.1
μF or 0.47μF capacitor directly across the VIN
and RTN pins close to the IC, and the remaining bulk capacitor as close as possible (Refer to Figure 19
Placement of Bypass Capacitors).
2. CVCC and CBST: The VCC and bootstrap (BST) bypass capacitors supply switching currents to the high and
low side gate drivers. These two capacitors should also be placed as close to the IC as possible, and the
connecting trace length and loop area should be minimized (See Figure 19 Placement of Bypass
Capacitors).
3. The Feedback trace carries the output voltage information and a small ripple component that is necessary for
proper operation of LM25017. Therefore, care should be taken while routing the feedback trace to avoid
coupling any noise to this pin. In particular, feedback trace should not run close to magnetic components, or
parallel to any other switching trace.
4. SW trace: The SW node switches rapidly between VIN and GND every cycle and is therefore a possible
source of noise. The SW node area should be minimized. In particular, the SW node should not be
inadvertently connected to a copper plane or pour.
Figure 19. Placement of Bypass Capacitors
16
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LM25017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com