Electronic Components Datasheet Search
  English  ▼

X  

LM25018 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM25018
Description  48V, 325mA Constant On-Time Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25018 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM25018 Datasheet HTML 9Page - Texas Instruments LM25018 Datasheet HTML 10Page - Texas Instruments LM25018 Datasheet HTML 11Page - Texas Instruments LM25018 Datasheet HTML 12Page - Texas Instruments LM25018 Datasheet HTML 13Page - Texas Instruments LM25018 Datasheet HTML 14Page - Texas Instruments LM25018 Datasheet HTML 15Page - Texas Instruments LM25018 Datasheet HTML 16Page - Texas Instruments LM25018 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
+
+
+
+
VIN
BST
RON
RTN
SW
VCC
FB
UVLO
VIN
VOUT1
VOUT2
RFB1
RUV1
RON
COUT1
CBST
D1
CIN
COUT2
RFB2
RUV2
X1
Rr NP
NS
LM25018
CVCC
+
D2
20V-48V
Cr
Cac
NS
VOUT2 = VOUT1 x
NP
- VF
LM25018
www.ti.com
SNVS953 – DECEMBER 2012
ISOLATED DC-DC CONVERTER USING LM25018
An isolated supply using LM25018 is shown in Figure 17 below. Inductor (L) in a typical buck circuit is replaced
with a coupled inductor (X1). A diode (D1) is used to rectify the voltage on a secondary output. The nominal
voltage at the secondary output (VOUT2) is given by:
(15)
where VF is the forward voltage drop of D1, and NP, NS are the number of turns on the primary and secondary
of coupled inductor X1. For output voltage (VOUT1) above the maximum VCC (8.55V), the VCC pin can be diode
connected to VOUT1 for higher efficiency and low dissipation in the IC. See AN-2292 for a complete isolated bias
design.
Figure 17. Typical Isolated Application Schematic
RIPPLE CONFIGURATION
LM25018 uses Constant-On-Time (COT) control scheme, in which the on-time is terminated by an on-timer, and
the off-time is terminated by the feedback voltage (VFB) falling below the reference voltage (VREF). Therefore, for
stable operation, the feedback voltage must decrease monotonically, in phase with the inductor current during
the off-time. Furthermore, this change in feedback voltage (VFB) during off-time must be large enough to
suppress any noise component present at the feedback node.
Table 1 shows three different methods for generating appropriate voltage ripple at the feedback node. Type 1
and Type 2 ripple circuits couple the ripple at the output of the converter to the feedback node (FB). The output
voltage ripple has two components:
1. Capacitive ripple caused by the inductor current ripple charging/discharging the output capacitor.
2. Resistive ripple caused by the inductor current ripple flowing through the ESR of the output capacitor.
The capacitive ripple is not in phase with the inductor current. As a result, the capacitive ripple does not
decrease monotonically during the off-time. The resistive ripple is in phase with the inductor current and
decreases monotonically during the off-time. The resistive ripple must exceed the capacitive ripple at the output
node (VOUT) for stable operation. If this condition is not satisfied unstable switching behavior is observed in COT
converters, with multiple on-time bursts in close succession followed by a long off-time.
Type 3 ripple method uses Rr and Cr and the switch node (SW) voltage to generate a triangular ramp. This
triangular ramp is ac coupled using Cac to the feedback node (FB). Since this circuit does not use the output
voltage ripple, it is ideally suited for applications where low output voltage ripple is required. See application note
AN-1481 for more details for each ripple generation method.
Type 1
Type 2
Type 3
Lowest Cost Configuration
Reduced Ripple Configuration
Minimum Ripple Configuration
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM25018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com