Electronic Components Datasheet Search
  English  ▼

X  

LM25018 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM25018
Description  48V, 325mA Constant On-Time Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25018 Datasheet(HTML) 3 Page - Texas Instruments

  LM25018 Datasheet HTML 1Page - Texas Instruments LM25018 Datasheet HTML 2Page - Texas Instruments LM25018 Datasheet HTML 3Page - Texas Instruments LM25018 Datasheet HTML 4Page - Texas Instruments LM25018 Datasheet HTML 5Page - Texas Instruments LM25018 Datasheet HTML 6Page - Texas Instruments LM25018 Datasheet HTML 7Page - Texas Instruments LM25018 Datasheet HTML 8Page - Texas Instruments LM25018 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LM25018
www.ti.com
SNVS953 – DECEMBER 2012
Absolute Maximum Ratings
(1)
VIN, UVLO to RTN
-0.3V to 53V
SW to RTN
-1.5V to VIN +0.3V
BST to VCC
53V
BST to SW
13V
RON to RTN
-0.3V to 53V
VCC to RTN
-0.3V to 13V
FB to RTN
-0.3V to 5V
ESD Rating (Human Body Model(2)
2kV
Lead Temperature (3)
200°C
Storage Temperature Range
-55°C to +150°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics. The RTN
pin is the GND reference electrically connected to the substrate.
(2)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
(3)
For detailed information on soldering plastic PSOP package, refer to the Packaging Data Book available from National Semiconductor
Corporation. Max solder time not to exceed 4 seconds.
Operating Ratings
(1)
VIN Voltage
9V to 48V
Operating Junction Temperature
−40°C to +125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics. The RTN
pin is the GND reference electrically connected to the substrate.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM25018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com